Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4729EXT-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4729EXT-T
Description  Low-Voltage 3.5ohm, SPDT, CMOS Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4729EXT-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4729EXT-T Datasheet HTML 1Page - Maxim Integrated Products MAX4729EXT-T Datasheet HTML 2Page - Maxim Integrated Products MAX4729EXT-T Datasheet HTML 3Page - Maxim Integrated Products MAX4729EXT-T Datasheet HTML 4Page - Maxim Integrated Products MAX4729EXT-T Datasheet HTML 5Page - Maxim Integrated Products MAX4729EXT-T Datasheet HTML 6Page - Maxim Integrated Products MAX4729EXT-T Datasheet HTML 7Page - Maxim Integrated Products MAX4729EXT-T Datasheet HTML 8Page - Maxim Integrated Products MAX4729EXT-T Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Low-Voltage 3.5
, SPDT,
CMOS Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to ground)
V+, IN .......................................................................-0.3V to +6V
COM, NO, NC (Note 1)..................................-0.3V to (V+ +0.3V)
Continuous Current (IN, V+, GND) ...................................±30mA
Continuous Current (COM, NO, NC) ................................±80mA
Peak Current COM, NO, NC
(Pulsed at 1ms, 10% Duty Cycle)................................±150mA
Continuous Power Dissipation (TA = +70°C)
6-Pin µDFN (derate 2.1mW/°C above +70°C) ..............168mW
6-Pin SC70 (derate 3.1mW/°C above +70°C) ...............245mW
Operating Temperature Range ...........................-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(V+ = +2.7V to +3.6V, VIH = +2.0V, VIL = +0.4V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VCOM,
VNO, VNC
0V+
V
+25°C
3.5
5.5
On-Resistance (Note 6)
RON
V+ = 2.7V, ICOM = 10mA,
VNO or VNC = 0V to V+
TMIN to TMAX
5.7
+25°C
0.05
0.15
V+ = 2.7V, ICOM = 10mA,
VNO or VNC = 0.7V, 1.2V,
2V (MAX4729)
TMIN to TMAX
0.2
+25°C
0.2
0.34
On-Resistance Match Between
Channels (Notes 3, 6)
∆RON
V+ = 2.7V, ICOM = 10mA,
VNO or VNC = 0.7V, 1.2V,
2V (MAX4730)
TMIN to TMAX
0.37
+25°C
0.8
1.5
V+ = 2.7V, ICOM = 10mA,
VNO or VNC = 0.7V, 1.2V,
2V (MAX4729)
TMIN to TMAX
2.2
+25°C
0.45
0.95
On-Resistance Flatness (Note 4)
RFLAT(ON)
V+ = 2.7V, ICOM = 10mA,
VNO or VNC = 0.7V, 1.2V,
2V (MAX4730)
TMIN to TMAX
1.3
+25°C
-2
+0.01
+2
NO, NC Off-Leakage Current
INO (OFF),
INC (OFF)
V+ = 3.3V, VCOM = 1V, 3V,
VNO or VNC = 3V, 1V
TMIN to TMAX
-3
+3
nA
+25°C
-3
+0.01
+3
COM On-Leakage Current
ICOM (ON)
V+ = 3.3V, VCOM = 1V or
3V, VNO or VNC = 1V, 3V, or
float
TMIN to TMAX
-4
+4
nA
DIGITAL INPUTS
Input Logic High
VIH
TMIN to TMAX
2.0
V
Input Logic Low
VIL
TMIN to TMAX
0.4
V
Input Leakage Current
IIN
VIN = 0V or 3.6V
TMIN to TMAX
-1
+0.005
+1
µA
Note 1: Signals on NO, NC, or COM exceeding V+ or GND are clamped by internal diodes. Signals on IN exceeding GND are
clamped by an internal diode. Limit forward-diode current to maximum current rating.


Similar Part No. - MAX4729EXT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4729EXT+T MAXIM-MAX4729EXT+T Datasheet
217Kb / 9P
   Low-Voltage 3.5廓, SPDT, CMOS Analog Switches
2014
More results

Similar Description - MAX4729EXT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4729 MAXIM-MAX4729_V01 Datasheet
217Kb / 9P
   Low-Voltage 3.5廓, SPDT, CMOS Analog Switches
2014
MAX4635 MAXIM-MAX4635 Datasheet
245Kb / 11P
   Fast, Low-Voltage, Dual 4??SPDT CMOS Analog Switches
Rev 2; 5/03
MAX4561_V1 MAXIM-MAX4561_V1 Datasheet
147Kb / 11P
   ±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches
Rev 1; 7/12
MAX4561 MAXIM-MAX4561 Datasheet
234Kb / 12P
   ±15kV ESD-Protected, Low-Voltage,SPDT/SPST, CMOS Analog Switches
Rev 0; 4/00
logo
List of Unclassifed Man...
AAM3202 ETC2-AAM3202 Datasheet
207Kb / 5P
   ULTRA LOW POWER, DUAL-SPDT CMOS ANALOG SWITCHES
logo
Monolithic Power System...
EV2735DQG-00A MPS-EV2735DQG-00A Datasheet
173Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
MP2735 MPS-MP2735 Datasheet
469Kb / 10P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Vishay Siliconix
DG2535E VISHAY-DG2535E Datasheet
167Kb / 10P
   0.3 Ω, Low Voltage Dual SPDT Analog Switches
Rev. A, 30-Jan-17
logo
Monolithic Power System...
EVQ2735GG-00A MPS-EVQ2735GG-00A Datasheet
438Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com