Electronic Components Datasheet Search |
|
CDB5381 Datasheet(PDF) 4 Page - Cirrus Logic |
|
CDB5381 Datasheet(HTML) 4 Page - Cirrus Logic |
4 / 24 page 4 DS563F2 CS5381 1. PIN DESCRIPTIONS Pin Name # Pin Description RST 1 Reset (Input) - The device enters a low power mode when low. M/S 2 Master/Slave Mode (Input) - Selects operation as either clock master or slave. LRCK 3 Left Right Clock (Input/Output) - Determines which channel, Left or Right, is currently active on the serial audio data line. SCLK 4 Serial Clock (Input/Output) - Serial clock for the serial audio interface. MCLK 5 Master Clock (Input) - Clock source for the delta-sigma modulator and digital filters. VD 6 Digital Power (Input) - Positive power supply for the digital section. GND 7,18 Ground (Input) - Ground reference. Must be connected to analog ground. VL 8 Logic Power (Input) - Positive power for the digital input/output. SDOUT 9 Serial Audio Data Output (Output) - Output for two’s complement serial audio data. MDIV 10 MCLK Divider (Input) - Enables a master clock divide by two function. HPF 11 High-Pass Filter Enable (Input) - Enables the Digital High-Pass Filter. I²S/LJ 12 Serial Audio Interface Format Select (Input) -Selects either the left-justified or I²S format for the SAI. M0 M1 13,14 Mode Selection (Input) - Determines the operational mode of the device. OVFL 15 Overflow (Output, open drain) - Detects an overflow condition on both left and right channels. AINL+ AINL- 16, 17 Differential Left Channel Analog Input (Input) - Signals are presented differentially to the delta-sigma modulators via the AINL+/- pins. VA 19 Analog Power (Input) - Positive power supply for the analog section. AINR- AINR+ 20, 21 Differential Right Channel Analog Input (Input) -Signals are presented differentially to the delta- sigma modulators via the AINR+/- pins. VQ 22 Quiescent Voltage (Output) - Filter connection for the internal quiescent reference voltage. REF_GND 23 Reference Ground (Input) - Ground reference for the internal sampling circuits. FILT+ 24 Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling circuits. RST 124 FILT+ M/S 223 REFGND LRCK 322 VQ SCLK 421 AINR+ MCLK 520 AINR- VD 619 VA GND 718 GND VL 817 AINL- SDOUT 916 AINL+ MDIV 10 15 OVFL HPF 11 14 M1 I²S/LJ 12 13 M0 |
Similar Part No. - CDB5381 |
|
Similar Description - CDB5381 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |