Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP6NK70Z Datasheet(PDF) 11 Page - STMicroelectronics

Part # STP6NK70Z
Description  N-CHANNEL 700V - 1.5ohm - 5A TO-220/TO-220FP Zener-Protected SuperMESH MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP6NK70Z Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STP6NK70Z Datasheet HTML 4Page - STMicroelectronics STP6NK70Z Datasheet HTML 5Page - STMicroelectronics STP6NK70Z Datasheet HTML 6Page - STMicroelectronics STP6NK70Z Datasheet HTML 7Page - STMicroelectronics STP6NK70Z Datasheet HTML 8Page - STMicroelectronics STP6NK70Z Datasheet HTML 9Page - STMicroelectronics STP6NK70Z Datasheet HTML 10Page - STMicroelectronics STP6NK70Z Datasheet HTML 11Page - STMicroelectronics STP6NK70Z Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11/12
STP6NK70Z - STF6NK70Z
Table 10: Revision History
Date
Revision
Description of Changes
24-Sep-2004
1
First release.
04-Nov-2004
2
Complete version
06-Sep-2005
3
Inserted Ecopack indication


Similar Part No. - STP6NK70Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP6NK70Z STMICROELECTRONICS-STP6NK70Z Datasheet
427Kb / 16P
   N-channel 700V - 1.5廓 - 5A - TO-220/TO-220FP Zener-protected SuperMESH??Power MOSFET
More results

Similar Description - STP6NK70Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF6NK70Z STMICROELECTRONICS-STF6NK70Z_06 Datasheet
427Kb / 16P
   N-channel 700V - 1.5廓 - 5A - TO-220/TO-220FP Zener-protected SuperMESH??Power MOSFET
STP5NK65Z STMICROELECTRONICS-STP5NK65Z Datasheet
286Kb / 9P
   N-CHANNEL 650V - 1.5ohm - 5A TO-220 Zener-Protected SuperMESH?줡ower MOSFET
STP10NK70Z STMICROELECTRONICS-STP10NK70Z Datasheet
384Kb / 10P
   N-CHANNEL 700V - 0.75ohm - 8.6A TO-220/TO-220FP Zener-Protected SuperMESH?줡ower MOSFET
STP7NK30Z STMICROELECTRONICS-STP7NK30Z Datasheet
266Kb / 10P
   N-CHANNEL 300V-0.80ohm-5A TO-220/TO-220FP Zener-Protected SuperMESH Power MOSFET
STP7NK80Z STMICROELECTRONICS-STP7NK80Z Datasheet
588Kb / 13P
   N-CHANNEL800V-1.5ohm - 5.2A TO-220/TO-220FP/I2PAK/D2PAK Zener-Protected SuperMESH?줡ower MOSFET
STP5NK60Z STMICROELECTRONICS-STP5NK60Z_02 Datasheet
585Kb / 12P
   N-CHANNEL 600V - 1.2W - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH?줡ower MOSFET
STP5NK60Z STMICROELECTRONICS-STP5NK60Z Datasheet
477Kb / 14P
   N-CHANNEL 600V - 1.2ohm - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH Power MOSFET
STP7NK30Z STMICROELECTRONICS-STP7NK30Z_05 Datasheet
344Kb / 12P
   N-CHANNEL 300V - 0.80廓 - 5A TO-220/TO-220FP Zener-Protected SuperMESH?줞OSFET
STP9NK80Z STMICROELECTRONICS-STP9NK80Z Datasheet
336Kb / 11P
   N-CHANNEL 800V -0.9ohm - 7.5A TO-220/TO-220FP Zener-Protected SuperMESH MOSFET
STP8NK85Z STMICROELECTRONICS-STP8NK85Z Datasheet
346Kb / 15P
   N-CHANNEL 850V -1.1ohm - 6.7A TO-220/TO-220FP Zener-Protected SuperMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com