Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA100CA Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # P4SMA100CA
Description  Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P4SMA100CA Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  P4SMA100CA Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P4SMA100CA Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P4SMA100CA Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P4SMA100CA Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
- 547 -
ELECTRICAL CHARACTERISTICS (TA=25
OC unless otherwise noted)
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Device
Device
Current
Voltage
Reverse Leakage
Peak Pulse
Clamping
Temperature
Marking
@IT
VWM
at VWM
Current IPPM
Voltage at IPPM
Coefficient
Code
Min
Max
(mA)
(Volts)
ID (uA)
(Note 2)(Amps)
VC(Volts)
of VBR(% /
OC)
P4SMA6.8
ADJ
6.12
7.48
10
5.50
1000
38
10.8
0.057
P4SMA6.8A
AEJ
6.46
7.14
10
5.80
1000
40
10.5
0.057
P4SMA7.5
AFJ
6.75
8.25
10
6.05
500
35
11.7
0.061
P4SMA7.5A
AGJ
7.13
7.88
10
6.40
500
37
11.3
0.061
P4SMA8.2
AHJ
7.38
9.02
10
6.63
200
33
12.5
0.065
P4SMA8.2A
AKJ
7.79
8.61
10
7.02
200
34
12.1
0.065
P4SMA9.1
ALJ
8.19
10.0
1.0
7.37
50
30
13.8
0.068
P4SMA9.1A
AMJ
8.65
9.55
1.0
7.78
50
31
13.4
0.068
P4SMA10
ANJ
9.00
11.0
1.0
8.10
10
28
15.0
0.073
P4SMA10A
APJ
9.50
10.5
1.0
8.55
10
29
14.5
0.073
P4SMA11
AQJ
9.90
12.1
1.0
8.92
5.0
26
16.2
0.075
P4SMA11A
ARJ
10.5
11.6
1.0
9.40
5.0
27
15.6
0.075
P4SMA12
ASJ
10.8
13.2
1.0
9.72
5.0
24
17.3
0.078
P4SMA12A
ATJ
11.4
12.6
1.0
10.2
5.0
25
16.7
0.078
P4SMA13
AUJ
11.7
14.3
1.0
10.5
5.0
22
19.0
0.081
P4SMA13A
AVJ
12.4
13.7
1.0
11.1
5.0
23
18.2
0.081
P4SMA15
AWJ
13.5
16.5
1.0
12.1
5.0
19
22.0
0.084
P4SMA15A
AXJ
14.3
15.8
1.0
12.8
5.0
20
21.2
0.084
P4SMA16
AYJ
14.4
17.6
1.0
12.9
5.0
17.8
23.5
0.086
P4SMA16A
AZJ
15.2
16.8
1.0
13.6
5.0
18.6
22.5
0.086
P4SMA18
BDJ
16.2
19.8
1.0
14.5
5.0
16
26.5
0.088
P4SMA18A
BEJ
17.1
18.9
1.0
15.3
5.0
16.5
25.5
0.088
P4SMA20
BFJ
18.0
22.0
1.0
16.2
5.0
14
29.1
0.090
P4SMA20A
BGJ
19.0
21.0
1.0
17.1
5.0
15
27.7
0.090
P4SMA22
BHJ
19.8
24.2
1.0
17.8
5.0
13
31.9
0.092
P4SMA22A
BKJ
20.9
23.1
1.0
18.8
5.0
13.7
30.6
0.092
P4SMA24
BLJ
21.6
26.4
1.0
19.4
5.0
12
34.7
0.094
P4SMA24A
BMJ
22.8
25.2
1.0
20.5
5.0
12.6
33.2
0.094
P4SMA27
BNJ
24.3
29.7
1.0
21.8
5.0
10.7
39.1
0.096
P4SMA27A
BPJ
25.7
28.4
1.0
23.1
5.0
11.0
37.5
0.096
P4SMA30
BQJ
27.0
33.0
1.0
24.3
5.0
9.6
43.5
0.097
P4SMA30A
BRJ
28.5
31.5
1.0
25.6
5.0
10
41.4
0.097
P4SMA33
BSJ
29.7
36.3
1.0
26.8
5.0
8.8
47.7
0.098
P4SMA33A
BTJ
31.4
34.7
1.0
28.2
5.0
9.0
45.7
0.098
P4SMA36
BUJ
32.4
39.6
1.0
29.1
5.0
8.0
52.0
0.099
P4SMA36A
BVJ
34.2
37.8
1.0
30.8
5.0
8.4
49.9
0.099
P4SMA39
BWJ
35.1
42.9
1.0
31.6
5.0
7.4
56.4
0.100
P4SMA39A
BXJ
37.1
41.0
1.0
33.3
5.0
7.7
53.9
0.100
P4SMA43
BYJ
38.7
47.3
1.0
34.8
5.0
6.7
61.9
0.101
P4SMA43A
BZJ
40.9
45.2
1.0
36.8
5.0
7.0
59.3
0.101
P4SMA47
CDJ
42.3
51.7
1.0
38.1
5.0
6.2
67.8
0.101
P4SMA47A
CEJ
44.7
49.4
1.0
40.2
5.0
6.4
64.8
0.101
P4SMA51
CFJ
45.9
56.1
1.0
41.3
5.0
5.7
73.5
0.102
P4SMA51A
CGJ
48.5
53.6
1.0
43.6
5.0
6.0
70.1
0.102
P4SMA56
CHJ
50.4
61.6
1.0
45.4
5.0
5.2
80.5
0.103
P4SMA56A
CKJ
53.2
58.8
1.0
47.8
5.0
5.4
77.0
0.103
P4SMA62
CLJ
55.8
68.2
1.0
50.2
5.0
4.7
89.0
0.104
P4SMA62A
CMJ
58.9
65.1
1.0
53.0
5.0
5.0
85.0
0.104
P4SMA68
CNJ
61.2
74.8
1.0
55.1
5.0
4.2
98.0
0.104
P4SMA68A
CPJ
64.6
71.4
1.0
58.1
5.0
4.5
92.0
0.104
P4SMA75
CQJ
67.5
82.5
1.0
60.7
5.0
3.8
108.0
0.105
P4SMA75A
CRJ
71.3
78.8
1.0
64.1
5.0
4.0
103.0
0.105
P4SMA82
CSJ
73.8
90.2
1.0
66.4
5.0
3.5
118.0
0.105
P4SMA82A
CTJ
77.9
86.1
1.0
70.1
5.0
3.7
113.0
0.105
P4SMA91
CUJ
81.9
100.0
1.0
73.7
5.0
3.2
131.0
0.106
P4SMA91A
CVJ
86.5
95.5
1.0
77.8
5.0
3.3
125.0
0.106
Breakdown Voltage
VBR
(Volts) (Note 1)


Similar Part No. - P4SMA100CA

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMA100CA WTE-P4SMA100CA Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
P4SMA100CA SOCAY-P4SMA100CA Datasheet
580Kb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
P4SMA100CA LITTELFUSE-P4SMA100CA Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
P4SMA100CA LITTELFUSE-P4SMA100CA Datasheet
1Mb / 6P
   P4SMA Series
logo
Pan Jit International I...
P4SMA100CA PANJIT-P4SMA100CA Datasheet
109Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4SMA100CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com