Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU6052KN1 Datasheet(PDF) 11 Page - New Japan Radio

Part # NJU6052KN1
Description  White LED Driver with Automatic Dimming Control
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6052KN1 Datasheet(HTML) 11 Page - New Japan Radio

Back Button NJU6052KN1 Datasheet HTML 7Page - New Japan Radio NJU6052KN1 Datasheet HTML 8Page - New Japan Radio NJU6052KN1 Datasheet HTML 9Page - New Japan Radio NJU6052KN1 Datasheet HTML 10Page - New Japan Radio NJU6052KN1 Datasheet HTML 11Page - New Japan Radio NJU6052KN1 Datasheet HTML 12Page - New Japan Radio NJU6052KN1 Datasheet HTML 13Page - New Japan Radio NJU6052KN1 Datasheet HTML 14Page - New Japan Radio NJU6052KN1 Datasheet HTML 15Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
-11 -
NJU6052
Ver.2004-02-26
(9) APPLICATIONS INFORMATION
(9-1)
PWM DUTY and LED CURRENT
The average LED current is programmed with the single resistor RLED and the PWM duty, as shown in
Formula (4).
(9-2)
INDUCTOR SELECTION
Formula (5) is used to choose an optimum inductor, as shown below:
η
: Power conversion efficiency (= 0.7 to 0.8)
The power supply voltage VIN may fluctuate in battery-powered applications. For this reason, the minimum
voltage should be applied to the VIN in Formula (5).
The NJU6052 has about 200ns of delay time (TDELAY), which is defined as the period from the reach of the
current limit 720mA to the MOS-switch-off. The TDELAY may cause an overshoot-inductor-current, which is called
the peak current IL,PEAK, and calculated by Formula (6). Therefore, it is recommended that an inductor with a
rating twice of the IL,PEAK and a low DCR (DC resistance) be used for high efficiency.
VDS
: Drain-Source voltage of the MOS switch (=ILIMIT*RON)
VIN(MAX)
: Maximum of VIN Voltage
(9-3)
DIODE SELECTION
A Schottky diode with a low forward-voltage-drop and a fast switching-speed is ideal. And the diode must
have a rating greater than the output voltage and the output current in the system.
(9-4)
CAPACITOR SELECTION
A low ESR (Equivalent Series Resistance) capacitor should be used at the output to minimize output ripples. A
multi-layer ceramic capacitor is the best selection for the NJU6052 application because of not only the low ESR
but its small package. A ceramic capacitor as the input decoupling-capacitor is also recommended and should be
placed as close to the NJU6052 as possible.
LED
REF
R
V
DUTY
=
=
LED(max)
LED(max)
LED(avg)
I
100
I
I
--- Formula (4)
DELAY
DS
(max)
IN
LIMIT
PEAK
,
L
T
L
V
V
I
I


+
=
OSC
LIMIT
LED
IN
OUT
f
I
I
V
V
L


=
2
2
η
--- Formula (5)
--- Formula (6)


Similar Part No. - NJU6052KN1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
   High Efficiency White LED Driver
NJU6051 NJRC-NJU6051 Datasheet
192Kb / 20P
   White LED Driver with Automatic Dimming Control
NJU6051KM1 NJRC-NJU6051KM1 Datasheet
192Kb / 20P
   White LED Driver with Automatic Dimming Control
NJU6051V NJRC-NJU6051V Datasheet
192Kb / 20P
   White LED Driver with Automatic Dimming Control
More results

Similar Description - NJU6052KN1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6051 NJRC-NJU6051 Datasheet
192Kb / 20P
   White LED Driver with Automatic Dimming Control
logo
Fitipower Integrated Te...
FP6745 FITIPOWER-FP6745 Datasheet
633Kb / 11P
   High-Efficiency, 40V White LED Driver with Dimming Control
FP6745C FITIPOWER-FP6745C Datasheet
268Kb / 7P
   High-Efficiency, 40V White LED Driver with Dimming Control
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_07 Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
ISL97632 INTERSIL-ISL97632_08 Datasheet
175Kb / 9P
   White LED Driver with Digital Dimming
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Gamma Microelectronics ...
GM9130HV GAMMA-GM9130HV Datasheet
228Kb / 9P
   3A LED Driver with Dimming Control
logo
Monolithic Power System...
MP3308 MPS-MP3308 Datasheet
314Kb / 13P
   Step-up White LED Driver with Dual PWM Dimming Input Control
logo
Bruckewell Technology L...
BW9130HV BWTECH-BW9130HV Datasheet
488Kb / 5P
   BW9130HV 3A LED Driver with Dimming Control
logo
Device Engineering Inco...
DEI1090 DEIAZ-DEI1090 Datasheet
321Kb / 13P
   LED Driver with Square-Law Dimming Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com