Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962F9689104QXX Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # 5962F9689104QXX
Description  Radiation-Hardened 32K x 8 PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

5962F9689104QXX Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button 5962F9689104QXX Datasheet HTML 3Page - Aeroflex Circuit Technology 5962F9689104QXX Datasheet HTML 4Page - Aeroflex Circuit Technology 5962F9689104QXX Datasheet HTML 5Page - Aeroflex Circuit Technology 5962F9689104QXX Datasheet HTML 6Page - Aeroflex Circuit Technology 5962F9689104QXX Datasheet HTML 7Page - Aeroflex Circuit Technology 5962F9689104QXX Datasheet HTML 8Page - Aeroflex Circuit Technology 5962F9689104QXX Datasheet HTML 9Page - Aeroflex Circuit Technology 5962F9689104QXX Datasheet HTML 10Page - Aeroflex Circuit Technology 5962F9689104QXX Datasheet HTML 11Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
256K PROM
UT ****
*** - * *
* * * *
Total Dose:
( )
=
Total dose characteristics neither tested nor guaranteed
Lead Finish:
(A)
=
Solder
(C)
=
Gold
(X)
=
Optional
Screening:
(C)
=
Mil Temp
(P)
=
Prototype
Package Type:
(P)
=
28-lead DIP (contact factory)
(U)
=
28-lead Flatpack
Access Time:
(40) =
40ns access time, TTL compatible inputs, CMOS/TTL compatible outputs
(45) =
45ns access time, TTL compatible inputs, CMOS/TTL compatible outputs
Device Type Modifier:
(T)
=
TTL compatible inputs and CMOS/TTL compatible outputs
Device Type:
(28F256) =
32Kx8 One Time Programmable PROM
Notes:
1. Lead finish (A,C, or X) must be specified.
2. If an “X” is specified when ordering, then the part marking will match the lead finish and will be either “A” (solder) or “C” (g old).
3. Military Temperature Range flow per UTMC Manufacturing Flows Document. Radiation characteristics are neither tested nor guaranteed and may
not be specified.
4. Prototype flow per UTMC Manufacturing Flows Document. Devices have prototype assembly and are tested at 25
°C only. Radiation characteristics
are neither tested nor guaranteed and may not be specified.
5. Check factory for availability of 45ns part.
6. Lead finish: Factory programming either solder or gold. Field programming gold only.


Similar Part No. - 5962F9689104QXX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962F9683001VPA INTERSIL-5962F9683001VPA Datasheet
145Kb / 9P
   Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
5962F9683001VPC INTERSIL-5962F9683001VPC Datasheet
145Kb / 9P
   Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
5962F9683101VPA INTERSIL-5962F9683101VPA Datasheet
107Kb / 9P
   Radiation Hardened, Dual, High Speed Low Power, Video Closed Loop Buffer
5962F9683101VPC INTERSIL-5962F9683101VPC Datasheet
107Kb / 9P
   Radiation Hardened, Dual, High Speed Low Power, Video Closed Loop Buffer
5962F9683201VCA INTERSIL-5962F9683201VCA Datasheet
44Kb / 4P
   Radiation Hardened, Dual, High Speed, Low Power Video Operational Amplifier with Output Disable
More results

Similar Description - 5962F9689104QXX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-6617RH INTERSIL-HS-6617RH_00 Datasheet
139Kb / 5P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
HS-6617RH-T INTERSIL-HS-6617RH-T Datasheet
94Kb / 3P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6617RH INTERSIL-HS-6617RH Datasheet
128Kb / 14P
   Radiation Hardened 2K x 8 CMOS PROM
logo
Cypress Semiconductor
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
   32K x 8 Reprogrammable Registered PROM
logo
Intersil Corporation
HS-6664RH INTERSIL-HS-6664RH Datasheet
258Kb / 5P
   Radiation Hardened 8kx8 CMOS PROM
logo
Intel Corporation
M2732A INTEL-M2732A Datasheet
420Kb / 6P
   32K (4K X 8) UV ERASABLE PROM
M27256 INTEL-M27256 Datasheet
554Kb / 9P
   256K(32K x 8) UV ERASABLE PROM
logo
Cypress Semiconductor
CY7C271 CYPRESS-CY7C271 Datasheet
237Kb / 11P
   32K x 8 Power Switched and Reprogrammable PROM
logo
National Semiconductor ...
NMC2532 NSC-NMC2532 Datasheet
222Kb / 5P
   32k-Bit (4k x 8) UV Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com