Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9689104VYX Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # 5962R9689104VYX
Description  Radiation-Hardened 32K x 8 PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

5962R9689104VYX Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button 5962R9689104VYX Datasheet HTML 2Page - Aeroflex Circuit Technology 5962R9689104VYX Datasheet HTML 3Page - Aeroflex Circuit Technology 5962R9689104VYX Datasheet HTML 4Page - Aeroflex Circuit Technology 5962R9689104VYX Datasheet HTML 5Page - Aeroflex Circuit Technology 5962R9689104VYX Datasheet HTML 6Page - Aeroflex Circuit Technology 5962R9689104VYX Datasheet HTML 7Page - Aeroflex Circuit Technology 5962R9689104VYX Datasheet HTML 8Page - Aeroflex Circuit Technology 5962R9689104VYX Datasheet HTML 9Page - Aeroflex Circuit Technology 5962R9689104VYX Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Notes:
1. 50pF including scope probe and test socket.
2. Measurement of data output occurs at the low to high or high to low transition mid-point
(TTL input = 1.5V).
90%
Figure 3. AC Test Loads and Input Waveforms
Input
Pulses
10%
< 5ns
< 5ns
TTL
0V
3.0V
330 ohms
VREF=1.73V
50pF
90%
10%


Similar Part No. - 5962R9689104VYX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962R9662101TCC INTERSIL-5962R9662101TCC Datasheet
29Kb / 3P
   CMOS Quad 2-Input NAND Gate
July 1999
5962R9662101TXC INTERSIL-5962R9662101TXC Datasheet
29Kb / 3P
   CMOS Quad 2-Input NAND Gate
July 1999
5962R9662401TEC INTERSIL-5962R9662401TEC Datasheet
74Kb / 3P
   CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
July 1999
5962R9662401TXC INTERSIL-5962R9662401TXC Datasheet
74Kb / 3P
   CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
July 1999
5962R9663601TEC INTERSIL-5962R9663601TEC Datasheet
33Kb / 3P
   CMOS Hex Buffer/Converter
July 1999
More results

Similar Description - 5962R9689104VYX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-6617RH INTERSIL-HS-6617RH_00 Datasheet
139Kb / 5P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
HS-6617RH-T INTERSIL-HS-6617RH-T Datasheet
94Kb / 3P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6617RH INTERSIL-HS-6617RH Datasheet
128Kb / 14P
   Radiation Hardened 2K x 8 CMOS PROM
logo
Cypress Semiconductor
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
   32K x 8 Reprogrammable Registered PROM
logo
Intersil Corporation
HS-6664RH INTERSIL-HS-6664RH Datasheet
258Kb / 5P
   Radiation Hardened 8kx8 CMOS PROM
logo
Intel Corporation
M2732A INTEL-M2732A Datasheet
420Kb / 6P
   32K (4K X 8) UV ERASABLE PROM
M27256 INTEL-M27256 Datasheet
554Kb / 9P
   256K(32K x 8) UV ERASABLE PROM
logo
Cypress Semiconductor
CY7C271 CYPRESS-CY7C271 Datasheet
237Kb / 11P
   32K x 8 Power Switched and Reprogrammable PROM
logo
National Semiconductor ...
NMC2532 NSC-NMC2532 Datasheet
222Kb / 5P
   32k-Bit (4k x 8) UV Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com