Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28C010-12DK-SV Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT28C010-12DK-SV
Description  Space 1-megabit (128K x 8) Paged Parallel EEPROMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C010-12DK-SV Datasheet(HTML) 2 Page - ATMEL Corporation

  AT28C010-12DK-SV Datasheet HTML 1Page - ATMEL Corporation AT28C010-12DK-SV Datasheet HTML 2Page - ATMEL Corporation AT28C010-12DK-SV Datasheet HTML 3Page - ATMEL Corporation AT28C010-12DK-SV Datasheet HTML 4Page - ATMEL Corporation AT28C010-12DK-SV Datasheet HTML 5Page - ATMEL Corporation AT28C010-12DK-SV Datasheet HTML 6Page - ATMEL Corporation AT28C010-12DK-SV Datasheet HTML 7Page - ATMEL Corporation AT28C010-12DK-SV Datasheet HTML 8Page - ATMEL Corporation AT28C010-12DK-SV Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
AT28C010-12DK
4259A–AERO–06/03
Pin Configuration
Block Diagram
Pin Name
Function
A0 - A16
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data Inputs/Outputs
NC
No Connect
FLATPACK
Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A16
A15
A12
A7
A6
NC
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
VCC
NC
WE
A14
A13
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3


Similar Part No. - AT28C010-12DK-SV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C010-12DK-SV ATMEL-AT28C010-12DK-SV Datasheet
241Kb / 18P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK-SV ATMEL-AT28C010-12DK-SV Datasheet
300Kb / 19P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
More results

Similar Description - AT28C010-12DK-SV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C010-12DK ATMEL-AT28C010-12DK_09 Datasheet
300Kb / 19P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK ATMEL-AT28C010-12DK_05 Datasheet
241Kb / 18P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010 ATMEL-AT28C010_09 Datasheet
604Kb / 16P
   1-Megabit (128K x 8) Paged Parallel EEPROMs
AT28LV010 ATMEL-AT28LV010_06 Datasheet
355Kb / 15P
   1-Megabit (128K x 8) Low Voltage Paged Parallel EEPROMs
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
AT28C040 ATMEL-AT28C040_09 Datasheet
385Kb / 15P
   4-Megabit (512K x 8) Paged Parallel EEPROMs
AT28C040 ATMEL-AT28C040_08 Datasheet
475Kb / 16P
   4-Megabit (512K x 8) Paged Parallel EEPROMs
AT28C010 ATMEL-AT28C010 Datasheet
657Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010 ATMEL-AT28C010 Datasheet
570Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28LV010 ATMEL-AT28LV010 Datasheet
498Kb / 9P
   1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com