Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28C010-12DK-M Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT28C010-12DK-M
Description  Space 1-megabit (128K x 8) Paged Parallel EEPROMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C010-12DK-M Datasheet(HTML) 1 Page - ATMEL Corporation

  AT28C010-12DK-M Datasheet HTML 1Page - ATMEL Corporation AT28C010-12DK-M Datasheet HTML 2Page - ATMEL Corporation AT28C010-12DK-M Datasheet HTML 3Page - ATMEL Corporation AT28C010-12DK-M Datasheet HTML 4Page - ATMEL Corporation AT28C010-12DK-M Datasheet HTML 5Page - ATMEL Corporation AT28C010-12DK-M Datasheet HTML 6Page - ATMEL Corporation AT28C010-12DK-M Datasheet HTML 7Page - ATMEL Corporation AT28C010-12DK-M Datasheet HTML 8Page - ATMEL Corporation AT28C010-12DK-M Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Rev. 4259A–AERO–06/03
1
Features
Fast Read Access Time – 120 ns
Automatic Page Write Operation
– Internal Address and Data Latches for 128 Bytes
– Internal Control Timer
Fast Write Cycle Time
– Page Write Cycle Time – 10 ms Maximum
– 1 to 128-byte Page Write Operation
Low Power Dissipation
– 80 mA Active Current
– 300 µA CMOS Standby Current
Hardware and Software Data Protection
DATA Polling for End of Write Detection
High Reliability CMOS Technology
– Endurance: 10
4 or 105 Cycles
– Data Retention: 10 Years
Operating Range: 4.5V to 5.5V, -55 to +125°C
CMOS and TTL Compatible Inputs and Outputs
Batch Tested for 10 Krad TID and 70 MeV Latch-up Capability
JEDEC Approved byte-Wide Pinout
435 Mils Wide 32-Pin Flat Pack Package
Description
The AT28C010-12DK is a high-performance Electrically Erasable and Programmable
Read-Only Memory. Its one megabit of memory is organized as 131,072 words by 8
bits. Manufactured with Atmel’s advanced nonvolatile CMOS technology, the device
offers access times to 120 ns with power dissipation of just 440 mW. When the device
is deselected, the CMOS standby current is less than 300
µA.
The AT28C010-12DK is accessed like a Static RAM for the read or write cycle without
the need for external components. The device contains a 128-byte page register to
allow writing of up to 128 bytes simultaneously. During a write cycle, the address and
1 to 128 bytes of data are internally latched, freeing the address and data bus for
other operations. Following the initiation of a write cycle, the device will automatically
write the latched data using an internal control timer. The end of a write cycle can be
detected by DATA POLLING of I/O7. Once the end of a write cycle has been detected
a new access for a read or write can begin.
Atmel's 28C010 has additional features to ensure high quality in manufacturing. The
device utilizes internal error correction for extended endurance and improved data
retention characteristics. An optional software data protection mechanism is available
to guard against inadvertent writes. The device also includes an extra 128 bytes of
EEPROM for device identification or tracking.
AT28C010-12DK Mil
Space
1-megabit
(128K x 8)
Paged Parallel
EEPROMs
AT28C010-12DK
Preliminary


Similar Part No. - AT28C010-12DK-M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C010-12DK-MQ ATMEL-AT28C010-12DK-MQ Datasheet
241Kb / 18P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK-MQ ATMEL-AT28C010-12DK-MQ Datasheet
300Kb / 19P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
More results

Similar Description - AT28C010-12DK-M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C010-12DK ATMEL-AT28C010-12DK_09 Datasheet
300Kb / 19P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK ATMEL-AT28C010-12DK_05 Datasheet
241Kb / 18P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010 ATMEL-AT28C010_09 Datasheet
604Kb / 16P
   1-Megabit (128K x 8) Paged Parallel EEPROMs
AT28LV010 ATMEL-AT28LV010_06 Datasheet
355Kb / 15P
   1-Megabit (128K x 8) Low Voltage Paged Parallel EEPROMs
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
AT28C040 ATMEL-AT28C040_09 Datasheet
385Kb / 15P
   4-Megabit (512K x 8) Paged Parallel EEPROMs
AT28C040 ATMEL-AT28C040_08 Datasheet
475Kb / 16P
   4-Megabit (512K x 8) Paged Parallel EEPROMs
AT28C010 ATMEL-AT28C010 Datasheet
657Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010 ATMEL-AT28C010 Datasheet
570Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28LV010 ATMEL-AT28LV010 Datasheet
498Kb / 9P
   1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com