Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OL6204N-50AP Datasheet(PDF) 1 Page - OKI electronic componets

Part # OL6204N-50AP
Description  1.6 關m High-Power DIP Module with 9mm Profile
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

OL6204N-50AP Datasheet(HTML) 1 Page - OKI electronic componets

  OL6204N-50AP Datasheet HTML 1Page - OKI electronic componets OL6204N-50AP Datasheet HTML 2Page - OKI electronic componets OL6204N-50AP Datasheet HTML 3Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
LASER DIODES
OL6204N-50/AP, OL6204N-50/BP
¡ electronic components
OL6204N-50/AP, OL6204N-50/BP
1.6
mm High-Power DIP Module with 9mm Profile
GENERAL DESCRIPTION
The OL6204N-50 series are 1.6 mm high-power modules in compact DIL packages with single
mode fiber pigtails. Having high power in pulsed operation, these devices can be used as light
sources for optical measurement equipment like OTDR systems.
FEATURES
• Optical output power: 50 mW (pulse width 10 ms, duty ratio 1 %)
• Comact package: 14-pin DIP with 9mm high
• Wavelength windows
OL6204N-50/AP for 1.625 mm
OL6204N-50/BP for 1.650 mm
APPLICATIONS
• Optical measuring instruments
• OTDRs
PACKAGE DIMENSIONS (Unit: mm)
• OL6204N-50/AP, OL6204N-50/BP
E2V0021-37-X1
#8
#14
#7
#1
(+)
(–)
CASE
THERMISTOR
LD
FIBER
TERMINAL CONNECTION
(BOTTOM VIEW)
PIN No.
FUNCTION
PIN No.
FUNCTION
1
2
3
4
5
6
7
COOLER ANODE
NC
NC
NC
LD ANODE and
CASE GROUND
NC
NC
8
9
10
11
12
13
14
NC
LD CATHODE
LD ANODE and
CASE GROUND
THERMISTOR
THERMISTOR
NC
COOLER CATHODE
1.0
20.8
24
3.8
2.54
7.1
9
51
f0.45


Similar Part No. - OL6204N-50AP

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL6201N-5-A10 OKI-OL6201N-5-A10 Datasheet
61Kb / 8P
   Service Channel FP Laser Module (1625 nm, 5 mW)
OL6201N-A10 OKI-OL6201N-A10 Datasheet
59Kb / 8P
   MQW Laser Diode Cooled Dil Module (1625 nm /-10 nm, 1 mW)
OL6205N-1-A10 OKI-OL6205N-1-A10 Datasheet
58Kb / 8P
   MQW Laser Diode Uncooled Dil Module (1625 nm /-10 nm, 1 mW)
More results

Similar Description - OL6204N-50AP

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL5204N-50 OKI-OL5204N-50 Datasheet
45Kb / 3P
   1.55 mm High-Power DIP Module with 9mm Profile
OL3204N-100 OKI-OL3204N-100 Datasheet
44Kb / 3P
   1.3 mm High-Power DIP Module with 9mm Profile
OL5201N-25 OKI-OL5201N-25 Datasheet
49Kb / 4P
   1.55 關m High-Power Laser-Diode DIP Module
OL3200N-5 OKI-OL3200N-5 Datasheet
44Kb / 3P
   1.3 關m High-Power Laser-Diode DIP Module
OL3201N-40 OKI-OL3201N-40 Datasheet
51Kb / 4P
   1.3 關m High-Power Laser-Diode DIP Module
OL5200N OKI-OL5200N Datasheet
44Kb / 3P
   1.55 關m Laser-Diode DIP Module
OL5200N-5 OKI-OL5200N-5 Datasheet
44Kb / 3P
   1.55 關m Laser Diode DIP Module
OL3200N OKI-OL3200N Datasheet
44Kb / 3P
   1.3 關m Laser-Diode DIP Module
OE3202G-004 OKI-OE3202G-004 Datasheet
46Kb / 4P
   1.3 關m Edge-Emitting LED DIP Module
OE5202G OKI-OE5202G Datasheet
43Kb / 3P
   1.55 關m Edge-Emitting LED DIP Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com