Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9689104VYC Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # 5962R9689104VYC
Description  Radiation-Hardened 32K x 8 PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

5962R9689104VYC Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  5962R9689104VYC Datasheet HTML 1Page - Aeroflex Circuit Technology 5962R9689104VYC Datasheet HTML 2Page - Aeroflex Circuit Technology 5962R9689104VYC Datasheet HTML 3Page - Aeroflex Circuit Technology 5962R9689104VYC Datasheet HTML 4Page - Aeroflex Circuit Technology 5962R9689104VYC Datasheet HTML 5Page - Aeroflex Circuit Technology 5962R9689104VYC Datasheet HTML 6Page - Aeroflex Circuit Technology 5962R9689104VYC Datasheet HTML 7Page - Aeroflex Circuit Technology 5962R9689104VYC Datasheet HTML 8Page - Aeroflex Circuit Technology 5962R9689104VYC Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
RECOMMENDED OPERATING CONDITIONS
DC ELECTRICAL CHARACTERISTICS (Pre/Post-Radiation)*
(V
DD = 5.0V ±10%; -55°C < TC < +125 °C)
Notes:
* Post-radiation performance guaranteed at 25
°C per MIL-STD-883 Method 1019 at 1E6 rad(Si).
1. Measured only for initial qualification, and after process or design changes that could affect input/output capacitance.
2. Supplied as a design limit but not guaranteed or tested.
3. Not more than one output may be shorted at a time for maximum duration of one second.
4. Functional test.
5. Derates at 3.0mA/MHz.
SYMBOL
PARAMETER
LIMITS
UNITS
VDD
Positive supply voltage
4.5 to 5.5
V
T
C
Case temperature range
-55 to +125
°C
VIN
DC input voltage
0 to VDD
V
SYMBOL
PARAMETER
CONDITION
MINIMUM
MAXIMUM
UNIT
VIH
High-level input voltage
(TTL)
2.4
V
V
IL
Low-level input voltage
(TTL)
0.8
V
VOL1
Low-level output voltage
IOL = 4.0mA, VDD = 4.5V (TTL)
0.4
V
VOL2
Low-level output voltage
IOL = 200µA, VDD = 4.5V (CMOS)
VSS + 0.10
V
V
OH1
High-level output voltage
I
OH = -200µA, VDD = 4.5V (CMOS)
V
DD -0.1
V
VOH2
High-level output voltage
IOH = -2.0mA, VDD = 4.5V (TTL)
2.4
V
CIN
1
Input capacitance
ƒ = 1MHz, V
DD = 5.0V
V
IN = 0V
15
pF
CIO
1, 4
Bidirectional I/O capacitance
ƒ = 1MHz, V
DD = 5.0V
VOUT = 0V
15
pF
IIN
Input leakage current
VIN = 0V to VDD
-5
5
µA
I
OZ
Three-state output leakage
current
V
O = 0V to V DD
VDD = 5.5V
OE = 5.5V
-10
10
µA
IOS
2,3
Short-circuit output current
VDD = 5.5V, VO = VDD
V
DD = 5.5V, VO = 0V
-90
90
mA
mA
IDD1(OP)
5
Supply current operating
@25.0MHz (40ns product)
@22.2MHz (45ns product)
TTL inputs levels (IOUT = 0), VIL =
0.2V
VDD, PE = 5.5V
125
117
mA
mA
IDD2(SB)
post-rad
Supply current standby
CMOS input levels VIL = VSS +0.25V
CE = V
DD - 0.25 VIH = VDD - 0.25V
2
mA


Similar Part No. - 5962R9689104VYC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962R9662101TCC INTERSIL-5962R9662101TCC Datasheet
29Kb / 3P
   CMOS Quad 2-Input NAND Gate
July 1999
5962R9662101TXC INTERSIL-5962R9662101TXC Datasheet
29Kb / 3P
   CMOS Quad 2-Input NAND Gate
July 1999
5962R9662401TEC INTERSIL-5962R9662401TEC Datasheet
74Kb / 3P
   CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
July 1999
5962R9662401TXC INTERSIL-5962R9662401TXC Datasheet
74Kb / 3P
   CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
July 1999
5962R9663601TEC INTERSIL-5962R9663601TEC Datasheet
33Kb / 3P
   CMOS Hex Buffer/Converter
July 1999
More results

Similar Description - 5962R9689104VYC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-6617RH INTERSIL-HS-6617RH_00 Datasheet
139Kb / 5P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
HS-6617RH-T INTERSIL-HS-6617RH-T Datasheet
94Kb / 3P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6617RH INTERSIL-HS-6617RH Datasheet
128Kb / 14P
   Radiation Hardened 2K x 8 CMOS PROM
logo
Cypress Semiconductor
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
   32K x 8 Reprogrammable Registered PROM
logo
Intersil Corporation
HS-6664RH INTERSIL-HS-6664RH Datasheet
258Kb / 5P
   Radiation Hardened 8kx8 CMOS PROM
logo
Intel Corporation
M2732A INTEL-M2732A Datasheet
420Kb / 6P
   32K (4K X 8) UV ERASABLE PROM
M27256 INTEL-M27256 Datasheet
554Kb / 9P
   256K(32K x 8) UV ERASABLE PROM
logo
Cypress Semiconductor
CY7C271 CYPRESS-CY7C271 Datasheet
237Kb / 11P
   32K x 8 Power Switched and Reprogrammable PROM
logo
National Semiconductor ...
NMC2532 NSC-NMC2532 Datasheet
222Kb / 5P
   32k-Bit (4k x 8) UV Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com