Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OL5492N-3 Datasheet(PDF) 2 Page - OKI electronic componets

Part # OL5492N-3
Description  1.55 關m 3 mW Coaxial Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

OL5492N-3 Datasheet(HTML) 2 Page - OKI electronic componets

  OL5492N-3 Datasheet HTML 1Page - OKI electronic componets OL5492N-3 Datasheet HTML 2Page - OKI electronic componets OL5492N-3 Datasheet HTML 3Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
LASER DIODES
OL592N-3, OL597N-3, OL5492N-3, OL5497N-3
PACKAGE DIMENSIONS (Unit: mm)
• OL592N-3, OL597N-3
• OL5492N-3, OL5497N-3
4–f0.45
q
w
PD
e
LD
CASE
f
6.8
2–f2.4
q
w
e
16
2
8
12
r
r
e
w
PD
q
LD
CASE
r
92
97
q
w
LD
CASE
f
6.8
f
4
r
q
2
r
4–f0.45
2–f2.2
7
12.7
17
e
PD
e
w
w
q
LD
CASE
e
r
PD
492
497


Similar Part No. - OL5492N-3

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL5492N-03 OKI-OL5492N-03 Datasheet
41Kb / 2P
   1.55 mm Low-Power Laser Coaxial Module
OL5492N-2 OKI-OL5492N-2 Datasheet
42Kb / 3P
   1.55 關m 2 mW Coaxial Module
More results

Similar Description - OL5492N-3

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL592N-2 OKI-OL592N-2 Datasheet
42Kb / 3P
   1.55 關m 2 mW Coaxial Module
OL592N OKI-OL592N Datasheet
45Kb / 4P
   1.55 關m Laser-Diode Coaxial Module
OL592L OKI-OL592L Datasheet
46Kb / 4P
   1.55 關m Coaxial DFB Laser Module
OL595N-20 OKI-OL595N-20 Datasheet
42Kb / 2P
   1.55 關m High-Power Laser-Diode Coaxial Module
OL5200N OKI-OL5200N Datasheet
44Kb / 3P
   1.55 關m Laser-Diode DIP Module
OL5200N-5 OKI-OL5200N-5 Datasheet
44Kb / 3P
   1.55 關m Laser Diode DIP Module
OE5202G OKI-OE5202G Datasheet
43Kb / 3P
   1.55 關m Edge-Emitting LED DIP Module
OL5201N-25 OKI-OL5201N-25 Datasheet
49Kb / 4P
   1.55 關m High-Power Laser-Diode DIP Module
logo
Optoway Technology Inc
PD-5100 OPTOWAY-PD-5100 Datasheet
85Kb / 2P
   1.55 關m WDM PIN PHOTODIODES
logo
Mitsubishi Electric Sem...
FU-68SDF-X8YYMZZF MITSUBISHI-FU-68SDF-X8YYMZZF Datasheet
149Kb / 6P
   1.55 關m DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com