Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPPAC-CLK5620V-01T48C Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # ISPPAC-CLK5620V-01T48C
Description  In-System Programmable, Zero-Delay Clock Generator with Universal Fan-Out Buffer
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPPAC-CLK5620V-01T48C Datasheet(HTML) 5 Page - Lattice Semiconductor

  ISPPAC-CLK5620V-01T48C Datasheet HTML 1Page - Lattice Semiconductor ISPPAC-CLK5620V-01T48C Datasheet HTML 2Page - Lattice Semiconductor ISPPAC-CLK5620V-01T48C Datasheet HTML 3Page - Lattice Semiconductor ISPPAC-CLK5620V-01T48C Datasheet HTML 4Page - Lattice Semiconductor ISPPAC-CLK5620V-01T48C Datasheet HTML 5Page - Lattice Semiconductor ISPPAC-CLK5620V-01T48C Datasheet HTML 6Page - Lattice Semiconductor ISPPAC-CLK5620V-01T48C Datasheet HTML 7Page - Lattice Semiconductor ISPPAC-CLK5620V-01T48C Datasheet HTML 8Page - Lattice Semiconductor ISPPAC-CLK5620V-01T48C Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
Lattice Semiconductor
ispClock5600 Family Data Sheet
5
Performance Characteristics – Power Supply
DC Electrical Characteristics – Single-ended Logic
DC Electrical Characteristics – LVDS
Symbol
Parameter
Conditions
Typ.
Max.
Units
ICCD
Core Supply Current
fVCO = 640MHz
150
160
mA
ICCA
Analog Supply Current
fVCO = 640MHz
5.5
7
mA
ICCO
Output Driver Supply Current
(per Bank)
VCCO = 1.8V
1, LVCMOS
VCCO = 2.5V
1, LVCMOS
VCCO = 3.3V
1, LVCMOS
VCCO = 3.3V
2, LVDS
13
18
24
7.5
15
24
35
8
mA
ICCJ
JTAG I/O Supply Current (static)
VCCJ = 1.8V
VCCJ = 2.5V
VCCJ = 3.3V
200
300
300
300
400
400
µA
1. Supply current consumed by each bank, both outputs active, 18pF load, 320MHz output frequency.
2. Supply current consumed by each bank, 100Ω, 5pf differential load, 320MHz output frequency.
Logic Standard
VIL (V)
VIH (V)
VOL Max. (V) VOH Min. (V)
IOL (mA)
IOH (mA)
Min.
Max.
Min.
Max.
LVTTL/LVCMOS 3.3V
-0.3
0.8
2
3.6
0.4
VCCO - 0.4
41
-41
LVCMOS 1.8V
-0.3
0.35VCCO
0.65VCCO
3.6
0.4
VCCO - 0.4
41
-41
LVCMOS 2.5V
-0.3
0.7
1.7
3.6
0.4
VCCO - 0.4
41
-41
SSTL2 Class 1
-0.3
VREF - 0.18 VREF + 0.18
3.6
0.542
VCCO - 0.81
2
7.6
-7.6
SSTL3 Class 1
-0.3
VREF - 0.2 VREF + 0.2
3.6
0.92
VCCO - 1.3
2
8-8
HSTL Class 1
-0.3
VREF - 0.1 VREF + 0.1
3.6
0.43
VCCO - 0.4
3
8-8
1. Specified for 50Ω internal series output termination.
2. Specified for 40Ω internal series output termination.
3. Specified for ≈20Ω internal series output termination.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VICM
Common Mode Input Voltage
0.05
2.35
V
VTHD
Differential Input Threshold
±100
mV
VIN
Input Voltage
0
2.4
V
VOH
Output High Voltage
RT = 100Ω
1.375
1.60
V
VOL
Output Low Voltage
RT = 100Ω
0.9
1.03
V
VOD
Output Voltage Differential
RT = 100Ω
250
400
480
mV
∆VOD
Change in VOD between H and L
50
mV
VOS
Output Voltage Offset
Common Mode Output Voltage
1.125
1.20
1.375
V
∆VOS
Change in VOS Between H and L
50
mV
ISA
Output Short Circuit Current
VOD = 0V, Outputs Shorted to GND
24
mA
ISAB
Output Short Circuit Current
VOD = 0V, Outputs Shorted to Each Other
12
mA


Similar Part No. - ISPPAC-CLK5620V-01T48C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPPAC-CLK5510V LATTICE-ISPPAC-CLK5510V Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V-01T48C LATTICE-ISPPAC-CLK5510V-01T48C Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V-01T48I LATTICE-ISPPAC-CLK5510V-01T48I Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V-01TN48C LATTICE-ISPPAC-CLK5510V-01TN48C Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V-01TN48I LATTICE-ISPPAC-CLK5510V-01TN48I Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
More results

Similar Description - ISPPAC-CLK5620V-01T48C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPCLOCK5600A LATTICE-ISPCLOCK5600A Datasheet
980Kb / 51P
   In-System Programmable, Enhanced Zero-Delay, Clock Generator with Universal Fan-Out Buffer
ISPCLOCK5500 LATTICE-ISPCLOCK5500 Datasheet
551Kb / 48P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V LATTICE-ISPPAC-CLK5510V Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPCLOCK5300S LATTICE-ISPCLOCK5300S Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
logo
Integrated Circuit Syst...
ICS95V860 ICST-ICS95V860 Datasheet
85Kb / 10P
   2.5V DDR/Zero Delay Fan Out Buffer (100MHz - 225MHz)
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A_10 Datasheet
916Kb / 8P
   Zero-Delay Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com