Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPPAC-CLK5620V-01T48I Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # ISPPAC-CLK5620V-01T48I
Description  In-System Programmable, Zero-Delay Clock Generator with Universal Fan-Out Buffer
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPPAC-CLK5620V-01T48I Datasheet(HTML) 4 Page - Lattice Semiconductor

  ISPPAC-CLK5620V-01T48I Datasheet HTML 1Page - Lattice Semiconductor ISPPAC-CLK5620V-01T48I Datasheet HTML 2Page - Lattice Semiconductor ISPPAC-CLK5620V-01T48I Datasheet HTML 3Page - Lattice Semiconductor ISPPAC-CLK5620V-01T48I Datasheet HTML 4Page - Lattice Semiconductor ISPPAC-CLK5620V-01T48I Datasheet HTML 5Page - Lattice Semiconductor ISPPAC-CLK5620V-01T48I Datasheet HTML 6Page - Lattice Semiconductor ISPPAC-CLK5620V-01T48I Datasheet HTML 7Page - Lattice Semiconductor ISPPAC-CLK5620V-01T48I Datasheet HTML 8Page - Lattice Semiconductor ISPPAC-CLK5620V-01T48I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
Lattice Semiconductor
ispClock5600 Family Data Sheet
4
Absolute Maximum Ratings
ispClock5600V
Core Supply Voltage VCCD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 5.5V
PLL Supply Voltage VCCA. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 5.5V
JTAG Supply Voltage VCCJ. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 5.5V
Output Driver Supply Voltage VCCO . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 4.5V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 4.5V
Output Voltage1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 4.5V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to 150°C
Junction Temperature with power supplied . . . . . . . . . . . . . . . . . . . -40 to 130°C
1. When applied to an output when in high-Z condition
Recommended Operating Conditions
Recommended Operating Conditions – VCCO vs. Logic Standard
E2CMOS Memory Write/Erase Characteristics
Symbol
Parameter
Conditions
ispClock5600V
Units
Min.
Max.
VCCD
Core Supply Voltage
3.0
3.6
V
VCCJ
JTAG I/O Supply Voltage
1.62
3.6
V
VCCA
Analog Supply Voltage
3.0
3.6
V
VCCXSLEW
VCC Turn-on Ramp Rate
All supply pins
0.33
V/µs
TJOP
Operating Junction Temperature
Commercial
0
100
°C
Industrial
-40
115
TA
Ambient Operating Temperature
Commercial
0
701
°C
Industrial
-40
851
1. Device power dissipation may also limit maximum ambient operating temperature.
VCCO (V)
VREF (V)
VTT (V)
Logic Standard
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
LVTTL
3.0
3.3
3.6
LVCMOS 1.8V
1.71
1.8
1.89
LVCMOS 2.5V
2.375
2.5
2.625
LVCMOS 3.3V
3.0
3.3
3.6
SSTL2 Class 1
2.375
2.5
2.625
1.15
1.25
1.35
VREF - 0.04
VREF + 0.04
SSTL3 Class 1
3.0
3.3
3.6
1.30
1.50
1.70
VREF - 0.05
VREF
VREF + 0.05
HSTL Class 1
1.425
1.5
1.575
0.68
0.75
0.90
0.5 x VCCO
LVPECL (Differential)
3.0V
3.3V
3.6V
LVDS
VCCO = 2.5V
2.375
2.5V
2.625
VCCO = 3.3V
3.0
3.3
3.6
Note: ‘—’ denotes VREF or VTT not applicable to this logic standard
Parameter
Conditions
Min.
Typ.
Max.
Units
Erase/Reprogram Cycles
1000


Similar Part No. - ISPPAC-CLK5620V-01T48I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPPAC-CLK5510V LATTICE-ISPPAC-CLK5510V Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V-01T48C LATTICE-ISPPAC-CLK5510V-01T48C Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V-01T48I LATTICE-ISPPAC-CLK5510V-01T48I Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V-01TN48C LATTICE-ISPPAC-CLK5510V-01TN48C Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V-01TN48I LATTICE-ISPPAC-CLK5510V-01TN48I Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
More results

Similar Description - ISPPAC-CLK5620V-01T48I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPCLOCK5600A LATTICE-ISPCLOCK5600A Datasheet
980Kb / 51P
   In-System Programmable, Enhanced Zero-Delay, Clock Generator with Universal Fan-Out Buffer
ISPCLOCK5500 LATTICE-ISPCLOCK5500 Datasheet
551Kb / 48P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V LATTICE-ISPPAC-CLK5510V Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPCLOCK5300S LATTICE-ISPCLOCK5300S Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
logo
Integrated Circuit Syst...
ICS95V860 ICST-ICS95V860 Datasheet
85Kb / 10P
   2.5V DDR/Zero Delay Fan Out Buffer (100MHz - 225MHz)
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A_10 Datasheet
916Kb / 8P
   Zero-Delay Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com