Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL8052CPD Datasheet(PDF) 11 Page - Intersil Corporation

Part # ICL8052CPD
Description  Precision 4 1/2 Digit, A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL8052CPD Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ICL8052CPD Datasheet HTML 7Page - Intersil Corporation ICL8052CPD Datasheet HTML 8Page - Intersil Corporation ICL8052CPD Datasheet HTML 9Page - Intersil Corporation ICL8052CPD Datasheet HTML 10Page - Intersil Corporation ICL8052CPD Datasheet HTML 11Page - Intersil Corporation ICL8052CPD Datasheet HTML 12Page - Intersil Corporation ICL8052CPD Datasheet HTML 13Page - Intersil Corporation ICL8052CPD Datasheet HTML 14Page - Intersil Corporation ICL8052CPD Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
3-44
ICL8052 vs ICL8068
The ICL8052 offers significantly lower input leakage currents
than the ICL8068, and may be found preferable in systems
with high input impedances. However, the ICL8068 has
substantially lower noise voltage, and is the device of choice
for systems where noise is a limiting factor, particularly in low
signal level conditions.
Max Clock Frequency
The maximum conversion rate of most dual-slope A/D
converters is limited by frequency response of the compara-
tor. The comparator in this circuit is no exception, even
though it is entirely NPN with an open-loop, gain-bandwidth
product of 300MHz. The comparator output follows the inte-
grator ramp with a 3
µs delay, and at a clock frequency of
160kHz (6
µs period) half of the first reference integrate clock
period is lost in delay. This means that the meter reading will
change from 0 to 1 with 50
µV input, 1 to 2 with 150µV, 2 to 3
at 250
µV, etc. This transition at midpoint is considered
desirable by most users. However, if the clock frequency is
increased appreciably above 160kHz, the instrument will
flash “1” on noise peaks even when the input is shorted.
For many dedicated applications where the input signal is
always on one polarity, the dealy of the comparator need not
be limitation. Since the non-linearity and noise do not
increase substantially with frequency, clock rates of up to
approximately 1MHz may be used. For a fixed clock
frequency, the extra count or counts caused by comparator
delay will be a constant and can be subtracted out digitally.
The minimum clock frequency is established by leakage on
the auto-zero and reference caps. With most devices,
measurement cycles as long as 10 seconds give no measur-
able leakage error.
To achieve maximum rejection of 60Hz pickup, the signal
integrate cycle should be a multiple of 60Hz. Oscillator
frequencies of 300kHz, 200kHz, 150kHz, 120kHz, 100kHz,
40kHz, 331/3kHz, etc, should be selected. For 50Hz
rejection, oscillator frequencies of 250kHz, 1662/3kHz,
125kHz, 100kHz, etc. would be suitable. Note that 100kHz
(2.5 readings/second) will reject both 50Hz and 60Hz.
The clock used should be free from significant phase or
frequency jitter. A simple two-gate oscillator and one based
on CMOS 7555 timer are shown in the Applications section.
The multiplexed output means that if the display takes
significant current from the logic supply, the clock should
have good PSRR.
Applications
Specific Circuits Using the 8068/71C03 8052/71C03
Figure 7 shows the complete circuit for a
±41/2 digit
(
±200mV full scale) A/D converter with LED readout using
the internal reference of the 8068/52. If an external
reference is used, the reference supply (pin 7) should be
connected to ground and the 300pF reference cap deleted.
The circuit also shows a typical RC input filter. Depending on
the application, the time-constant of this filter can be made
faster, slower, or the filter deleted completely. The 1/2 digit
LED is driven from the 7-segment decoder, with a zero
reading blanked by connecting a D5 signal to RBI input of
the decoder.
A voltage translation network is connected between the com-
parator output of the 8068/52 and the auto-zero input of the
71C03. The purpose of this network is to assure that, during
auto-zero, the output of the comparator is at or near the
threshold of the 71C03 logic (+2.5V) while the auto-zero
capacitor is being charged to VREF (+100mV for a 200mV
instrument). Otherwise, even with 0V in, some reference inte-
grate period would be required to drive the comparator output
to the threshold level. This would show up as an equivalent
offset error. Once the divider network has been selected, the
unit-to-unit variation should contribute less than a tenth of a
count error. A second feature is the back-to-back diodes, used
to lower the noise. In the normal operating mode they offer a
high impedance and long integrating time constant to any
noise pulses charging the auto-zero cap. At startup or recov-
ery from an overload, their impedance is low to large signals
so that the cap can be charged up in one auto-zero cycle. The
buffer gain does not have to be set precisely at 10 since the
gain is used in both the integrate and deintegrate phase. For
scale factors other then 200mV the gain of the buffer should
be changed to give a
±2V buffer output. For 2.0000V full scale
this means unity gain and for 20,000mV (1
µV resolution) a
gain of 100 is necessary. Not all 8068As can operate properly
at a gain of 100 since their offset should be less than 10mV in
order to accommodate the auto-zero circuitry. However, for
devices selected with less than 10mV offset, the noise perfor-
mance is reasonable with approximately 1.5
µV near full scale.
On all scales less than 200mV, the voltage translation network
should be made adjustable as an offset trim.
The auto-zero cap should be 1
µF for all scales and the refer-
ence capacitor should be 1
µF times the gain of the buffer
amplifier. At this value if the input leakages of the 8052/8068
are equal, the droop effects will cancel giving zero offset.
This is especially important at high temperature. Some
typical component values are shown in Table 1. For 31/2 digit
conversion, use 12kHz clock.
V++ = +15V, V+ = 5V, V- = -15V
Clock Freq. = 120kHz (41/2 Digit) or 12kHz (3
1/
2 Digit)
TABLE 1.
SPECIFICATION
VALVE
UNITS
Full Scale VIN
20
200
2000
mV
Buffer Gain
100
(See
Note)
10
1
V/V
RINT
100
100
100
k
CINT
0.22
0.22
0.22
µF
CAZ
1.0
1.0
1.0
µF
CREF
10
10
1.0
µF
VREF
10
100
1000
mV
Resolution (41/2 Digit)
1
10
100
µV
NOTE: Comment on offset limitations above. Buffer gain does not
improve ICL8052 noise performance adequately.
RB1
RB2
+
()
RB2
------------------------------------
ICL8052/ICL71C03, ICL8068/ICL71C03


Similar Part No. - ICL8052CPD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8052CPD INTERSIL-ICL8052CPD Datasheet
198Kb / 21P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
ICL8052CPD INTERSIL-ICL8052CPD Datasheet
935Kb / 11P
   Precision Chip Pairs for A/D Conversion
ICL8052CPD INTERSIL-ICL8052CPD Datasheet
6Mb / 180P
   Data Acquisition
More results

Similar Description - ICL8052CPD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8052A INTERSIL-ICL8052A Datasheet
582Kb / 23P
   Precision 4 1/2 Digit, A/D Converter
logo
Microchip Technology
TC7135 MICROCHIP-TC7135 Datasheet
533Kb / 22P
   4-1/2 Digit A/D Converter
2002
TC7135 MICROCHIP-TC7135_04 Datasheet
457Kb / 24P
   4-1/2 Digit A/D Converter
2004
logo
List of Unclassifed Man...
LD120 ETC-LD120 Datasheet
2Mb / 9P
   4 1/2 Digit A/D Converter Set
logo
Renesas Technology Corp
ICL7135 RENESAS-ICL7135 Datasheet
800Kb / 15P
   4 1/2 Digit, BCD Output, A/D Converter
logo
Intersil Corporation
ICL7135 INTERSIL-ICL7135 Datasheet
733Kb / 15P
   4 1/2 Digit, BCD Output, A/D Converter
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
Intersil Corporation
HI-7159A INTERSIL-HI-7159A Datasheet
210Kb / 14P
   Microprocessor-Compatible, 5-1/2 Digit A/D Converter
January 1999
logo
List of Unclassifed Man...
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com