Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL4340IU Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL4340IU
Description  500MHz Triple, Multiplexing Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4340IU Datasheet(HTML) 1 Page - Intersil Corporation

  EL4340IU Datasheet HTML 1Page - Intersil Corporation EL4340IU Datasheet HTML 2Page - Intersil Corporation EL4340IU Datasheet HTML 3Page - Intersil Corporation EL4340IU Datasheet HTML 4Page - Intersil Corporation EL4340IU Datasheet HTML 5Page - Intersil Corporation EL4340IU Datasheet HTML 6Page - Intersil Corporation EL4340IU Datasheet HTML 7Page - Intersil Corporation EL4340IU Datasheet HTML 8Page - Intersil Corporation EL4340IU Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN7421.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2005. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
EL4340, EL4342
500MHz Triple, Multiplexing Amplifiers
The EL4340 and EL4342 are fixed unity gain mux amps
featuring high slew rates and excellent bandwidth for video
switching. These devices feature a high impedance output
state (HIZ) that enables the outputs of multiple devices to be
wired together. A power-down mode (ENABLE) is included
to turn off un-needed circuitry in power sensitive
applications. The ENABLE pin, when pulled high, sets the
EL4340 and EL4342 into standby power mode - consuming
just 18mW. An added feature in the EL4340 is a latch enable
function (LE) that allows independent logic control using a
common logic bus.
Features
• Triple 2:1 and 4:1 multiplexers for RGB
• Internally set gain-of-1
• High speed three-state outputs (HIZ)
• Power-down mode (ENABLE)
• Latch enable (EL4340)
• ±5V operation
• ±870 V/µs slew rate
• 500MHz bandwidth
• Supply current 11mA/ch (EL4340) and 16mA/ch (EL4342)
• Pb-free plus anneal available (RoHS compliant)
Applications
• HDTV/DTV analog inputs
• Video projectors
• Computer monitors
• Set-top boxes
• Security video
• Broadcast video equipment
Ordering Information
PART NUMBER
PACKAGE
TAPE &
REEL
PKG.
DWG. #
EL4340IU
24 Ld QSOP
-
MDP0040
EL4340IUZ
(See Note)
24 Ld QSOP (Pb-free)
-
MDP0040
EL4340IU-T7
24 Ld QSOP
7”
MDP0040
EL4340IUZ-T7
(See Note)
24 Ld QSOP (Pb-free)
7”
MDP0040
EL4340IU-T13
24 Ld QSOP
13”
MDP0040
EL4340IUZ-T13
(See Note)
24 Ld QSOP (Pb-free)
13”
MDP0040
EL4342ILZA
(See Note)
32 Ld Exposed Pad
3.6 x 4.6 QFN (Pb-free)
-
MDP0046
EL4342ILZA-T7
(See Note)
32 Ld Exposed Pad
3.6 x 4.6 QFN (Pb-free)
7”
MDP0046
EL4342ILZA-T13
(See Note)
32 Ld Exposed Pad
3.6 x 4.6 QFN (Pb-free)
13”
MDP0046
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
TABLE 1. CHANNEL SELECT LOGIC TABLE EL4340
S0
ENABLE
HIZ
LE
OUTPUT
0
000
INO (A, B, C)
1
0
0
0
IN1 (A, B, C)
X
1
X
X
Power-down
X0
1
X
High Z
X
0
0
1
Last S0 State
Preserved
TABLE 2. CHANNEL SELECT LOGIC TABLE EL4342
S1
S0
ENABLE
HIZ
OUTPUT
0
0
0
0
IN0 (A, B, C)
0
1
0
0
IN1 (A, B, C)
1
0
0
0
IN2 (A, B, C)
1
1
0
0
IN3 (A, B, C)
X
X
1
X
Power-down
XX
0
1
High Z
Data Sheet
September 21, 2005


Similar Part No. - EL4340IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4340IU INTERSIL-EL4340IU Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340IU-T13 INTERSIL-EL4340IU-T13 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340IU-T7 INTERSIL-EL4340IU-T7 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
More results

Similar Description - EL4340IU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59483 INTERSIL-ISL59483_07 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com