Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5082-G201-00000 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 5082-G201-00000
Description  10 mm (0.40 inch) Seven Segment Displays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-G201-00000 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  5082-G201-00000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-G201-00000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-G201-00000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-G201-00000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-G201-00000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-G201-00000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-G201-00000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-G201-00000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-G201-00000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Description
The 10 mm (0.40 inch) LED
seven segment displays are
Agilent’s most space-efficient
character size. They are designed
for viewing distances up to 4.5
metres (15 feet). These devices
use an industry standard size
package and pinout. The dual
numeric, single numeric, and
± 1.
overflow devices feature a right
hand decimal point. All devices
are available as either common
anode or common cathode.
Typical applications include
instruments, point of sale
terminals, and appliances.
Part Numbering System
5 0 8 2 - xxx x - xxxxx
HDSP - x xx x - x x x xx
Mechanical Options[1]
00: No mechanical option
16: Special dimensional tolerances
Color Bin Options[1,2]
0: No color bin limitation
Maximum Intensity Bin[1,2]
0: No maximum intensity bin limitation
Minimum Intensity Bin[1,2]
0: No minimum intensity bin limitation
Device Configuration/Color[1]
1: Common Anode
3: Common Cathode
Device Specific Configuration[1]
Refer to respective data sheet
Package[1]
F: 10 mm (0.4 inch) Single Digit Seven Segment Display
G: 10 mm (0.4 inch) Dual Digit Seven Segment Display
Notes:
1. For codes not listed in the figure above, please refer to the respective data sheet or contact your nearest Agilent representative
for details.
2. Bin options refer to shippable bins for a part-number. Color and Intensity Bins are typically restricted to 1 bin per tube
(exceptions may apply). Please refer to respective data sheet for specific bin limit information.


Similar Part No. - 5082-G201-00000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-G211-00000 HP-5082-G211-00000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-G211-0C000 HP-5082-G211-0C000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-G211-0D000 HP-5082-G211-0D000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-G211-0E000 HP-5082-G211-0E000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-G211-0F000 HP-5082-G211-0F000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
More results

Similar Description - 5082-G201-00000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-F15X HP-HDSP-F15X Datasheet
494Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-FXXX AVAGO-HDSP-FXXX Datasheet
331Kb / 8P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-F151 AVAGO-HDSP-F151_1 Datasheet
293Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays Single and dual digits
logo
Agilent(Hewlett-Packard...
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-390X AVAGO-HDSP-390X Datasheet
277Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com