Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM320VC33GNMM150 Datasheet(PDF) 4 Page - Texas Instruments

Part # SM320VC33GNMM150
Description  DIGITAL SIGNAL PROCESSOR
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM320VC33GNMM150 Datasheet(HTML) 4 Page - Texas Instruments

  SM320VC33GNMM150 Datasheet HTML 1Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 2Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 3Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 4Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 5Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 6Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 7Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 8Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
SM320VC33, SMJ320VC33
DIGITAL SIGNAL PROCESSOR
SGUS034E - FEBRUARY 2001 - REVISED OCTOBER 2002
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251-1443
GNM Terminal Assignments(Sorted by Signal Name)
SIGNAL
NAME
PIN
NUMBER
SIGNAL
NAME
PIN
NUMBER
SIGNAL
NAME
PIN
NUMBER
SIGNAL
NAME
PIN
NUMBER
A0
J2
D0
G12
M1
R/W
L4
A1
K2
D1
G10
N1
RDY
M5
A2
K1
D2
F13
N4
RESET
B7
A3
J4
D3
G11
N7
RSV0
B4
A4
H4
D4
H10
M8
RSV1
D5
A5
H3
D5
H13
N12
SHZ
D7
A6
H1
D6
H12
DVDD
L13
STRB
M4
A7
G4
D7
J10
DVDD
H11
TCK
F10
A8
G1
D8
J11
F11
TCLK0
C10
A9
G2
D9
J12
B12
TCLK1
A11
A10
F3
D10
K13
A10
TDI
E11
A11
F4
D11
K12
A6
TDO
D13
A12
F2
D12
K10
A1
TMS
E10
A13
E1
D13
M13
DX0
A12
TRST
C13
A14
E2
D14
L11
EDGEMODE
A7
B1
A15
E4
D15
L12
EMU0
F12
D1
A16
C1
D16
M12
EMU1
E12
G3
A17
C2
D17
L10
EXTCLK
C6
J1
A18
D3
D18
K9
FSR0
C12
L2
A19
C3
D19
N11
FSX
D10
M3
A20
B2
D20
M11
H1
L3
M6
A21
D4
D21
M10
H3
N2
L7
A22
A2
D22
K8
HOLD
N5
V
N10
A23
B3
D23
N9
HOLDA
K5
VSS
N13
CLKMD0
C5
D24
M9
IACK
K4
K11
CLKMD1
B5
D25
L8
INT0
C8
G13
CLKR0
B13
D26
N8
INT1
B9
E13
CLKX0
B11
D27
M7
INT2
D8
A13
E3
D28
K7
INT3
A9
C11
J3
D29
L6
MCBL/MP
B8
C9
L5
D30
N6
PAGE0
M2
C7
CV
L9
D31
K6
PAGE1
N3
C4
CVDD
J13
DR0
D11
PAGE2
L1
XF0
B10
D12
D2
PAGE3
K3
XF1
D9
A8
DVDD
F1
PLLVDD‡
A5
XIN
B6
A3
DVDD
H2
PLLVSS‡
A4
XOUT
D6
DVDD is the power supply for the I/O pins while CVDD is the power supply for the core CPU. VSS is the ground for both the I/O pins and the core
CPU.
PLLVDD and PLLVSS are isolated PLL supply pins that should be externally connected to CVDD and VSS, respectively.


Similar Part No. - SM320VC33GNMM150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320VC33GNMM150 TI1-SM320VC33GNMM150 Datasheet
751Kb / 53P
[Old version datasheet]   Digital Signal Processor
SM320VC33GNMM150EP TI1-SM320VC33GNMM150EP Datasheet
997Kb / 62P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SM320VC33GNMM150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com