Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA39A Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # P4SMA39A
Description  Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P4SMA39A Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  P4SMA39A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P4SMA39A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P4SMA39A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P4SMA39A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
- 546 -
.062(1.58)
.050(1.27)
.012(.31)
.006(.15)
.008(.20)
.004(.10)
.056(1.41)
.035(0.90)
.187(4.75)
.160(4.06)
.210(5.33)
.195(4.95)
.111(2.83)
.090(2.29)
.103(2.61)
.078(1.99)
P4SMA SERIES
Surface Mount Transient Voltage Suppressor
Voltage Range
6.8 to 200 Volts
400 Watts Peak Power
Features
For surface mounted application in order to optimize board
space
Low profile package
Built-in strain relief
Glass passivated junction
Excellent clamping capability
Fast response time: Typically less than 1.0ps from 0 volt to
BV min.
Typical IR less than 1
μA above 10V
High temperature soldering guaranteed:
260
OC / 10 seconds at terminals
Plastic material used carries Underwriters Laboratory
Flammability Classification 94V-0
300 watts peak pulse power capability with a 10 x 1000 us
waveform by 0.01% duty cycle
Mechanical Data
Case: Molded plastic
Terminals: Solder plated
Polarity: Indicated by cathode band
Standard packaging: 12mm tape (EIA STD RS-481)
1. Weight: 0.064 gram
SMA/DO-214AC
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Type Number
Symbol
Value
Units
Peak Power Dissipation at TA=25
OC,
Tp=1ms(Note 1)
PPK
Minimum 400
Watts
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method) (Note 2, 3)
IFSM
40.0
Amps
Maximum Instantaneous Forward Voltage at
25.0A for Unidirectional Only
VF
3.5
Volts
Operating and Storage Temperature Range
TJ, TSTG
-55 to + 150
OC
Notes: 1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25
OC Per Fig. 2.
2. Mounted on 5.0mm
2 (.013 mm Thick) Copper Pads to Each Terminal.
3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per
Minute Maximum.
Devices for Bipolar Applications
1. For Bidrectional Use C or CA Suffix for Types P4SMA 6.8 through Types
P4SMA200A.
2. Electrical Characteristics Apply in Both Directions.


Similar Part No. - P4SMA39A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
P4SMA39A GOOD-ARK-P4SMA39A Datasheet
692Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Semitech Semic...
P4SMA39A SEMITECH-P4SMA39A Datasheet
493Kb / 5P
   Low profile package
logo
UN Semiconducctor INC
P4SMA39A UNSEMI-P4SMA39A Datasheet
3Mb / 7P
   6.8 To 600V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Littelfuse
P4SMA39A LITTELFUSE-P4SMA39A Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
logo
Cystech Electonics Corp...
P4SMA39A CYSTEKEC-P4SMA39A Datasheet
428Kb / 5P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - P4SMA39A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com