Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1-5047A-2 Datasheet(PDF) 5 Page - Harris Corporation

Part # HI1-5047A-2
Description  15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HI1-5047A-2 Datasheet(HTML) 5 Page - Harris Corporation

  HI1-5047A-2 Datasheet HTML 1Page - Harris Corporation HI1-5047A-2 Datasheet HTML 2Page - Harris Corporation HI1-5047A-2 Datasheet HTML 3Page - Harris Corporation HI1-5047A-2 Datasheet HTML 4Page - Harris Corporation HI1-5047A-2 Datasheet HTML 5Page - Harris Corporation HI1-5047A-2 Datasheet HTML 6Page - Harris Corporation HI1-5047A-2 Datasheet HTML 7Page - Harris Corporation HI1-5047A-2 Datasheet HTML 8Page - Harris Corporation HI1-5047A-2 Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
9-114
Specifications HI-5040 Series
Absolute Maximum Ratings
Thermal Information
Supply Voltage (V+, V-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36V
VR to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V+, V-
Digital and Analog Input Voltage . . . . . +VSUPPLY +4V, -VSUPPLY -4V
Analog Current (S to D) Continuous. . . . . . . . . . . . . . . . . . . . . 30mA
Analog Current (S to D) Peak. . . . . . . . . . . . . . . . . . . . . . . . . . 80mA
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . -65oC to +150oC
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300oC
Thermal Resistance
θ
JA
θ
JC
Ceramic DIP Package . . . . . . . . . . . . . . .
80oC/W
24oC/W
SOIC Package. . . . . . . . . . . . . . . . . . . . .
120oC/W
-
Plastic DIP Package . . . . . . . . . . . . . . . .
100oC/W
-
PLCC Package . . . . . . . . . . . . . . . . . . . .
80oC/W
-
CLCC Package . . . . . . . . . . . . . . . . . . . .
75oC/W
20oC/W
Junction Temperature
Plactic Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150oC
Ceramic Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
Operating Temperature Range
HI-50XX-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
HI-50XX-5, -7. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +75oC
HI-50XX-9 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
Supplies = +15V, -15V; VR = 0V; VAH (Logic Level High) = 2.4V, VAL (Logic Level Low) = +0.8V, VL = +5V,
Unless Otherwise Specified. For Test Conditions, Consult Performance Characteristics, Unused Pins
are Grounded.
PARAMETER
TEST
CONDITIONS
TEMP
-55oC To +125oC0oC To +75oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
SWITCHING CHARACTERISTICS
tON, Switch On Time
(Note 4)
+25oC
-
370
500
-
370
500
ns
tOFF, Switch Off Time
(Note 4)
+25oC
-
280
500
-
280
500
ns
Charge Injection
(Note 2)
+25oC-
5
20
-
5
-
mV
“Off Isolation”
(Note 3)
+25oC
75
80-
-80-
dB
“Crosstalk”
(Note 3)
+25oC
80
88-
-88-
dB
CS(OFF), Input Switch Capacitance
+25oC
-
11
-
-
11
-
pF
CD(OFF), Output Switch Capacitance
+25oC
-
11
-
-
11
-
pF
CD(ON), Output Switch Capacitance
+25oC
-
22
-
-
22
-
pF
CA, Digital Input Capacitance
+25oC-
5
-
-
5
-
pF
CDS(OFF), Drain-To-Source Capacitance
+25oC
-
0.5
-
-
0.5
-
pF
DIGITAL INPUT CHARACTERISTICS
VAL, Input Low Threshold
Full
-
-
0.8
-
-
0.8
V
VAH, Input High Threshold
Full
2.4
-
-
2.4
-
-
V
IA, Input Leakage Current (High or Low)
Full
-
0.01
1.0
-
0.01
1.0
µA
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range
Full
-15
-
+15
-15
-
+15
V
RON, On Resistance
(Note 1A)
+25oC
-
50
75
-
50
75
Full
-
-
150
-
-
150
RON, On Resistance
(Note 1B)
+25oC
-
25
45
-
25
45
Full
-
-
50
-
-
50
RON, Channel-to-Channel Match
(Note 1A)
+25oC
-
210
-
210
RON, Channel-to-Channel Match
(Note 1B)
+25oC-
1
5
-
1
5
IS(OFF) = ID(OFF), Off Input or
Output Leakage Current
+25oC
-
0.8
2
-
0.8
2
nA
Full
-
100
200
-
100
200
nA


Similar Part No. - HI1-5047A-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1-5047-5 INTERSIL-HI1-5047-5 Datasheet
165Kb / 11P
   CMOS Analog Switches
April 2000
HI1-5047-5 INTERSIL-HI1-5047-5 Datasheet
490Kb / 12P
   CMOS Analog Switches
HI1-5047-5 INTERSIL-HI1-5047-5 Datasheet
494Kb / 12P
   CMOS Analog Switches
April 6, 2005
More results

Similar Description - HI1-5047A-2

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5041B15 ROHM-BP5041B15 Datasheet
285Kb / 3P
   AC220V input, 15V/80mA output
logo
List of Unclassifed Man...
CD4066BCN ETC2-CD4066BCN Datasheet
115Kb / 9P
   Wide supply voltage range 3V to 15V
logo
Rohm
BP5041A15 ROHM-BP5041A15 Datasheet
38Kb / 3P
   AC/DC converter AC220V input, 15V/80mA output
BP5034D15 ROHM-BP5034D15 Datasheet
37Kb / 3P
   AC/DC converter AC100V input, 15V/80mA output
logo
FCI connector
RM16M-23T FCI-CONNECTOR-RM16M-23T Datasheet
2Mb / 101P
   wide range in current capability
logo
Richtek Technology Corp...
RT8269GSP RICHTEK-RT8269GSP Datasheet
198Kb / 12P
   Adjustable Output Voltage Range : 0.92V to 15V
logo
Rochester Electronics
MM54C89 ROCHESTER-MM54C89 Datasheet
605Kb / 6P
   Random Access Read / Write Memory Wide supply voltage range 3.0V ro 15V
logo
Sanyo Semicon Device
SB10-015C SANYO-SB10-015C Datasheet
100Kb / 3P
   15V, 1A Rectifier
SB10-015P SANYO-SB10-015P Datasheet
25Kb / 3P
   15V, 1A Rectifier
FC810 SANYO-FC810 Datasheet
50Kb / 2P
   15V, 700mA Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com