Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1180 Datasheet(PDF) 8 Page - New Japan Radio

Part # NJW1180
Description  Audio Processor with SRS WOW
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1180 Datasheet(HTML) 8 Page - New Japan Radio

Back Button NJW1180 Datasheet HTML 4Page - New Japan Radio NJW1180 Datasheet HTML 5Page - New Japan Radio NJW1180 Datasheet HTML 6Page - New Japan Radio NJW1180 Datasheet HTML 7Page - New Japan Radio NJW1180 Datasheet HTML 8Page - New Japan Radio NJW1180 Datasheet HTML 9Page - New Japan Radio NJW1180 Datasheet HTML 10Page - New Japan Radio NJW1180 Datasheet HTML 11Page - New Japan Radio NJW1180 Datasheet HTML 12Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
NJW1180
– 8 –
s
s
s
s I
2C CONTROL COMMAND DESCRIPTION
q
q
q
qMASTER VOLUME CONTROL
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
00H
VOL
The volume controls both Ach and Bch by the 0.5dB step.
The volume is consisted of volume1 and volume2. The level is divided into half to each volume1 and
volume2.
q
q
q
qBALANCE, AGC AND INPUT SELECTOR SETTINGS
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
01H
CHS
BAL
SEL
•CHS: Channel select for balance control
“0”: Ach “Bch is attenuated”
“1”: Bch “Ach is attenuated”
•BAL: Balance control for both Ach and Bch (1dB/Step)
•SEL: Input Selector
SEL
Input Select
D1
D0
IN1a and IN1b
0
0
IN2a and IN2b
0
1
IN3a and IN3b
1
0
IN4a and IN4b
1
1
q
q
q
qTONE CONTROL (Bass) and AGC SETTINGS
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
02H
BCB
BASS
AGC-SW
AGC-FLAT
•BCB : Bass Boost or Cut
“0” : Cut
“1” : Boost
•BASS : BASS Level
Cut Level
: -15 to 0dB(1dB/Step)
Boost Level : 0 to +15dB(1dB/Step)
•AGC-SW : AGC ON/OFF Switch
“0” : AGC OFF
“1” : AGC ON (Default : 300mVrms)
•AGC-FLAT : AGC Flat Level
AGC-FLAT
AGC Flat Level
D1
D0
300mVrms
0
0
400mVrms
0
1
500mVrms
1
0
600mVrms
1
1


Similar Part No. - NJW1180

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1102 NJRC-NJW1102 Datasheet
164Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1102A NJRC-NJW1102A Datasheet
158Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1102AF1 NJRC-NJW1102AF1 Datasheet
158Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1102FG1 NJRC-NJW1102FG1 Datasheet
164Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
More results

Similar Description - NJW1180

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2700 NJRC-NJM2700 Datasheet
211Kb / 19P
   SRS WOW AUDIO PROCESSOR
NJM2195 NJRC-NJM2195 Datasheet
344Kb / 17P
   SRS WOW AUDIO PROCESSOR
NJW1140 NJRC-NJW1140 Datasheet
471Kb / 15P
   AUDIO PROCESSOR with SRS
NJW1161 NJRC-NJW1161 Datasheet
554Kb / 25P
   AUDIO PROCESSOR with SRS 3D STEREO
NJM2193 NJRC-NJM2193 Datasheet
67Kb / 8P
   FOCUS & SRS AUDIO PROCESSOR
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2191 NJRC-NJM2191 Datasheet
89Kb / 7P
   SRS 3D Stereo & SRS HEADPHONE AUDIO PROCESSOR
NJM2179 NJRC-NJM2179 Datasheet
219Kb / 8P
   SRS 3D SURROUND AUDIO PROCESSOR?
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2198 NJRC-NJM2198 Datasheet
84Kb / 13P
   SRS 3D SURROUND AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com