Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF6P21190HR6 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MRF6P21190HR6
Description  RF Power Field Effect Transistor, N-Channel Enhancement-Mode Lateral MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6P21190HR6 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MRF6P21190HR6 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF6P21190HR6 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF6P21190HR6 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF6P21190HR6 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6P21190HR6 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6P21190HR6 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6P21190HR6 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6P21190HR6 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6P21190HR6 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MRF6P21190HR6
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
−30
−10
−15
−20
−25
2220
2080
IRL
Gps
ACPR
IM3
f, FREQUENCY (MHz)
Figure 3. 2-Carrier W-CDMA Broadband Performance @ Pout = 44 Watts Avg.
VDD = 28 Vdc, Pout = 44 W (Avg.), IDQ = 1900 mA
2−Carrier W−CDMA, 10 MHz Carrier Spacing
2200
2180
2160
2140
2120
2100
4
20
18
16
14
12
10
8
6
−50
40
30
20
10
−10
−20
−30
−40
ηD
3.84 MHz Channel Bandwidth, PAR = 8.5 dB
@ 0.01% Probability (CCDF)
−30
−10
−15
−20
−25
2220
2080
IRL
Gps
ACPR
IM3
f, FREQUENCY (MHz)
Figure 4. 2-Carrier W-CDMA Broadband Performance @ Pout = 87 Watts Avg.
VDD = 28 Vdc, Pout = 87 W (Avg.), IDQ = 1900 mA
2−Carrier W−CDMA, 10 MHz Carrier Spacing
2200
2180
2160
2140
2120
2100
4
20
18
16
14
12
10
8
6
−40
50
40
30
20
0
−10
−20
−30
ηD
3.84 MHz Channel Bandwidth, PAR = 8.5 dB
@ 0.01% Probability (CCDF)
Figure 5. Two-Tone Power Gain versus
Output Power
100
14
17
1
IDQ = 2500 mA
2200 mA
VDD = 28 Vdc, f1 = 2135 MHz, f2 = 2145 MHz
Two−Tone Measurements, 10 MHz Tone Spacing
16.5
16
15.5
10
400
Pout, OUTPUT POWER (WATTS) PEP
14.5
15
1900 mA
1600 mA
1300 mA
Figure 6. Third Order Intermodulation Distortion
versus Output Power
−45
−30
1
IDQ = 2500 mA
1300 mA
100
−35
−40
400
−55
−50
VDD = 28 Vdc, f1 = 2135 MHz, f2 = 2145 MHz
Two−Tone Measurements, 10 MHz Tone Spacing
10
Pout, OUTPUT POWER (WATTS) PEP
2200 mA
1900 mA
1600 mA


Similar Part No. - MRF6P21190HR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6P21190HR6 FREESCALE-MRF6P21190HR6 Datasheet
437Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_06 Datasheet
437Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_10 Datasheet
712Kb / 11P
   RF Power Field Effect Transistor
More results

Similar Description - MRF6P21190HR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6VP2600H FREESCALE-MRF6VP2600H Datasheet
1Mb / 19P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF9060LR1 FREESCALE-MRF9060LR1_08 Datasheet
364Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_06 Datasheet
437Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF8S9170NR3 FREESCALE-MRF8S9170NR3_10 Datasheet
463Kb / 13P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF7S35015HSR3 FREESCALE-MRF7S35015HSR3_11 Datasheet
825Kb / 12P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6VP11KHR6 FREESCALE-MRF6VP11KHR6_09 Datasheet
468Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF7S19120NR1 FREESCALE-MRF7S19120NR1_09 Datasheet
517Kb / 14P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6_10 Datasheet
708Kb / 11P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6 Datasheet
445Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF5P21240HR6 FREESCALE-MRF5P21240HR6 Datasheet
565Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com