Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74GTLP22034DGVR Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74GTLP22034DGVR
Description  8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74GTLP22034DGVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74GTLP22034DGVR Datasheet HTML 7Page - Texas Instruments SN74GTLP22034DGVR Datasheet HTML 8Page - Texas Instruments SN74GTLP22034DGVR Datasheet HTML 9Page - Texas Instruments SN74GTLP22034DGVR Datasheet HTML 10Page - Texas Instruments SN74GTLP22034DGVR Datasheet HTML 11Page - Texas Instruments SN74GTLP22034DGVR Datasheet HTML 12Page - Texas Instruments SN74GTLP22034DGVR Datasheet HTML 13Page - Texas Instruments SN74GTLP22034DGVR Datasheet HTML 14Page - Texas Instruments SN74GTLP22034DGVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SN74GTLP22034
8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER
WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SCES355C – JUNE 2001 – REVISED SEPTEMBER 2001
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, VTT = 1.5 V and VREF = 1 V for GTLP (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
EDGE RATE†
MIN
TYP‡
MAX
UNIT
fmax
175
MHz
tPLH
AI
B
Sl
3
7.1
ns
tPHL
(buffer)
B
Slow
3
7
ns
tPLH
AI
B
Ft
2
5.6
ns
tPHL
(buffer)
B
Fast
2
5.7
ns
tPLH
B
AO
1
5.8
ns
tPHL
B
(buffer)
AO
1
5.2
ns
tPLH
LEAB
B
Slo
4.2
8.5
ns
tPHL
(latch mode)
B
Slow
3.2
7.3
ns
tPLH
LEAB
B
Ft
3.2
7.1
ns
tPHL
(latch mode)
B
Fast
2.8
6.3
ns
tPLH
LEAB
AO
2
6.9
ns
tPHL
(latch mode)
AO
1.8
6.1
ns
tPLH
LEBA
AO
1
5.6
ns
tPHL
LEBA
(latch mode)
AO
1
5
ns
tPLH
OEAB
B
Sl
3.8
7.5
ns
tPHL
OEAB
B
Slow
3.1
7
ns
tPLH
OEAB
B
Fast
2.5
6
ns
tPHL
OEAB
B
Fast
2.5
6
ns
tPLH
OEAB
B
Sl
3.5
7.5
ns
tPHL
OEAB
B
Slow
3
7.2
ns
tPLH
OEAB
B
Ft
2.5
6
ns
tPHL
OEAB
B
Fast
2.5
6
ns
tPZH
OEBA
AO
1
5.3
ns
tPZL
OEBA
AO
1
4.2
ns
tPHZ
OEBA
AO
1
5.5
ns
tPLZ
OEBA
AO
1
5.2
ns
tPLH
CLKAB
B
Sl
4.4
8.6
ns
tPHL
(flip-flop mode)
B
Slow
3.6
8
ns
tPLH
CLKAB
B
Ft
3.2
7.1
ns
tPHL
(flip-flop mode)
B
Fast
3.1
6.8
ns
tPLH
CLKAB
AO
2
7.5
ns
tPHL
(flip-flop mode)
AO
1.8
7
ns
tPLH
CLKBA
AO
1
6
ns
tPHL
(flip-flop mode)
AO
1
5.6
ns
tPLH
OMODE
B
Sl
3.8
8.7
ns
tPHL
OMODE
B
Slow
3.2
8.2
ns
tPLH
OMODE
B
Ft
2.7
7
ns
tPHL
OMODE
B
Fast
2.7
7
ns
tPLH
IMODE
AO
1
6
ns
tPHL
IMODE
AO
1
5.1
ns
† Slow (ERC = H) and Fast (ERC = L)
‡ All typical values are at VCC = 3.3 V, TA = 25°C.


Similar Part No. - SN74GTLP22034DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLP22033 TI1-SN74GTLP22033 Datasheet
645Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP22033DGGR TI1-SN74GTLP22033DGGR Datasheet
645Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP22033ZQLR TI1-SN74GTLP22033ZQLR Datasheet
645Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
More results

Similar Description - SN74GTLP22034DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLP22033 TI1-SN74GTLP22033 Datasheet
645Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2033 TI-SN74GTLP2033 Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2034 TI-SN74GTLP2034 Datasheet
435Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
logo
Texas Instruments
SN74GTLP1394 TI1-SN74GTLP1394_15 Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394 TI-SN74GTLP1394_07 Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP21395 TI-SN74GTLP21395 Datasheet
438Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1395 TI-SN74GTLP1395 Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
logo
Fairchild Semiconductor
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
logo
Texas Instruments
SN74GTLPH1645 TI1-SN74GTLPH1645_15 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com