Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKF4713PI Datasheet(PDF) 5 Page - Ericsson

Part # PKF4713PI
Description  3-7 W DC/DC Power Modules 48 V Input Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKF4713PI Datasheet(HTML) 5 Page - Ericsson

  PKF4713PI Datasheet HTML 1Page - Ericsson PKF4713PI Datasheet HTML 2Page - Ericsson PKF4713PI Datasheet HTML 3Page - Ericsson PKF4713PI Datasheet HTML 4Page - Ericsson PKF4713PI Datasheet HTML 5Page - Ericsson PKF4713PI Datasheet HTML 6Page - Ericsson PKF4713PI Datasheet HTML 7Page - Ericsson PKF4713PI Datasheet HTML 8Page - Ericsson PKF4713PI Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
EN/LZT 146 33 R1A (Replaces EN/LZT 137 09 R7) © Ericsson Microelectronics AB, June 2000
Safety
Dual output (negative output 2)
Dual output (positive output 2)
Typical input characteristics
HF Attenuation (input to output)
The PKF Series DC/DC power modules are designed in accordance
with EN 60 950, Safety of information technology equipment including
electrical business equipment. SEMKO certificate no. 9709166.
The PKF power modules are recognized by UL and meet the applica-
ble requirements in UL 1950 Safety of information technology equipment,
the applicable Canadian safety requirements and UL 1012 Standard
for power supplies.
The DC/DC power module shall be installed in an end-use equip-
ment and considerations should be given to measuring the pin tem-
perature to comply with TPmax when in operation. Abnormal compo-
nent tests are conducted with the input protected by an external 3 A
fuse. The need for repeating these tests in the end-use appliance shall
be considered if installed in a circuit having higher rated devices.
When the supply to the DC/DC power module meets all the require-
ments for SELV (<60 V dc), the output is considered to remain within
SELV limits (level 3). The isolation is an operational insulation in
accordance with EN 60 950.
The DC/DC power module is intended to be supplied by isolated
secondary circuitry and shall be installed in compliance with the
requirements of the ultimate application. If they are connected to a
60 V DC system reinforced insulation must be provided in the power
supply that isolates the input from the mains. Single fault testing in
the power supply must be performed in combination with the
DC/DC power module to demonstrate that the output meets the
requirement for SELV. One pole of the input and one pole of the
output is to be grounded or both are to be kept floating.
The terminal pins are only intended for connection to mating con-
nectors of internal wiring inside the end-use equipment.
These DC/DC power modules may be used in telephone equipment
in accordance with paragraph 34 A.1 of UL 1459 (Standard for Tele-
phone Equipment, second edition).
The galvanic isolation is verified in an electric strength test. Test
voltage (VISO) between input and output is 1,500 V dc for 60 s. In
production the test duration may be decreased to 1 s.
The capacitor between input and output has a value of 1 nF and the
leakage current is less than 1µA @ 53 V dc.
The case is designed in non-conductive epoxy. Its flammability
rating meets UL 94V-0. The oxygen index is 34%
.
Fundamental circuit diagrams
Single output
Electrical Data
Single voltage pulse at +25 °C ambient temperature.
Transient input voltage
130
120
110
90
Transient duration (s)
70
100
80
110
×
-4
110
×
-6
110
×
-2
11 10
×
2


Similar Part No. - PKF4713PI

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PKF36000S60JK SCHNEIDER-PKF36000S60JK Datasheet
65Kb / 2P
   Automatic Molded Case Switch 600V 600A, Kirk Keylock
PKF36025CU31A SCHNEIDER-PKF36025CU31A Datasheet
135Kb / 2P
   Molded Case Circuit Breaker 600V 250A
PKF36025CU33A SCHNEIDER-PKF36025CU33A Datasheet
152Kb / 2P
   Molded Case Circuit Breaker 600V 250A
PKF36025CU41A SCHNEIDER-PKF36025CU41A Datasheet
147Kb / 2P
   Molded Case Circuit Breaker 600V 250A
PKF36025CU43A SCHNEIDER-PKF36025CU43A Datasheet
141Kb / 2P
   Molded Case Circuit Breaker 600V 250A
More results

Similar Description - PKF4713PI

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DC048B010T010FP VICOR-DC048B010T010FP Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
DC048B VICOR-DC048B Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
logo
Ericsson
PKG2000 ERICSSON-PKG2000 Datasheet
1Mb / 16P
   46-60 W DC/DC Power Modules 24 V Input Series
PKA2000 ERICSSON-PKA2000 Datasheet
864Kb / 20P
   25-40 W DC/DC Power Modules 24 V Input Series
logo
Texas Instruments
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com