Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3C3384L Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3C3384L
Description  2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C3384L Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3C3384L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C3384L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C3384L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C3384L Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PI3C3384/PI3C32384 (25Ω
Ω)
2.5V/3.3V, High Bandwidth,
HotInsertion,10-Bit,2-PortBusSwitch
2
PS8161C
02/04/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Storage Temperature ........................................................... –65°C to +150°C
Ambient Temperature with Power Applied .......................... –40°C to +85°C
Supply Voltage to Ground Potential (Inputs & VCC Only) ... –0.5V to +4.6V
Supply Voltage to Ground Potential (Outputs & D/O Only) –0.5V to +4.6V
DC Input Voltage ................................................................... –0.5V to +5.5V
DC Output Current ..............................................................................120 mA
Power Dissipation.................................................................................... 0.5W
Note:
Stresses greater than those listed under
MAXIMUM RATINGS may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions above those indicated in the opera-
tional sections of this specification is not implied.
Exposure to absolute maximum rating conditions
for extended periods may affect reliability.
Notes:
1. ForMax.orMin.conditions,useappropriatevaluespecifiedunderElectricalCharacteristicsforthe
applicabledevicetype.
2. Typical values are at VCC =3.3V,TA = 25°C ambient and maximum loading.
3. Notmorethanoneoutputshouldbeshortedatonetime. Durationofthetestshouldnot
exceedonesecond.
4. MeasuredbythevoltagedropbetweenAandBpinatindicatedcurrentthroughtheswitch.ONresistance
isdetermined bythelowerofthevoltagesonthetwo(A,B)pins.
5. Thisparameterisdeterminedbydevicecharacterizationbutisnotproductiontested.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
M.
p
y
T
)
2
(
.
x
a
Ms
ti
n
U
V H
I
e
g
a
tl
o
V
H
G
I
H
t
u
p
n
Il
e
v
e
L
H
G
I
H
ci
g
o
L
d
e
e
t
n
a
r
a
u
G0
.
—
V
V L
I
e
g
a
tl
o
V
W
O
L
t
u
p
n
Il
e
v
e
L
W
O
L
ci
g
o
L
d
e
e
t
n
a
r
a
u
G5
.
0
–—
8
.
0
I H
I
t
n
e
rr
u
C
H
G
I
H
t
u
p
n
IV C
C
V
=
N
I
V
,.
x
a
M
=
C
C
——
1
±
A
µ
I L
I
t
n
e
rr
u
C
W
O
L
t
u
p
n
IV C
C
N
I
V
,.
x
a
M
=
=
D
N
—
1
±
I H
Z
O
t
n
e
rr
u
C
t
u
p
t
u
O
e
c
n
e
d
e
p
m
I
-
h
g
i
H0 ≤
B
,
A
≤ V C
C
——
1
±
V K
I
e
g
a
tl
o
V
e
d
o
i
d
p
m
al
CV C
C
I
,.
n
i
M
=
N
I
A
m
8
1
–
3
7
.
0
–2
.
1
–V
R N
O
e
c
n
a
t
si
s
e
R
n
O
h
c
ti
w
S
)
4
(
V C
C
V
,.
n
i
M
=
N
I
V
0
.
0
=
I N
O
A
m
4
6
r
o
A
m
8
4
=
4
8
3
3
C
3
I
5
7
4
8
3
2
3
C
3
I
P8
18
20
4
V C
C
V
,.
n
i
M
=
N
I
V
4
.
2
=
I N
O
A
m
5
1
=
4
8
3
3
C
3
I
8
5
1
4
8
3
2
3
C
3
I
P8
15
38
4
DC Electrical Characteristics (Over OperatingRange,TA=–40°Cto+85°C,VCC=3.3V±10%)
Capacitance (TA = 25°C f = 1 MHz)
s
r
e
t
e
m
a
r
a
P
)
5
(
n
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
t
s
e
T.
p
y
Ts
ti
n
U
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
V N
I
V
0
=
5
.
3
F
p
C F
F
O
ff
O
h
c
ti
w
S
,
e
c
n
a
ti
c
a
p
a
C
B
/
A0
.
5
C N
O
n
O
h
c
ti
w
S
,
e
c
n
a
ti
c
a
p
a
C
B
/
A0
.
0
1


Similar Part No. - PI3C3384L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3384QE PERICOM-PI3C3384QE Datasheet
683Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
PI3C3384 PERICOM-PI3C3384_11 Datasheet
683Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
More results

Similar Description - PI3C3384L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3861-AQE PERICOM-PI3C3861-AQE Datasheet
364Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot-Insertion, 10-Bit, 2-Port, Bus Switch
PI3C3861-A PERICOM-PI3C3861-A Datasheet
365Kb / 2P
   2.5V/3.3V, High Bandwidth, Hot-Insertion,10-Bit, 2-Port, Bus Switch
PI3C3384 PERICOM-PI3C3384_11 Datasheet
683Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
PI3C3245QE PERICOM-PI3C3245QE Datasheet
344Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C34X245 PERICOM-PI3C34X245_13 Datasheet
669Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 32-Bit, 2-Port, Bus Switch
PI3C32X384 PERICOM-PI3C32X384 Datasheet
645Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 20-Bit, 2-Port, Bus Switch
PI3C34X245 PERICOM-PI3C34X245 Datasheet
218Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion 32-Bit, 2-Port, Bus Switch
PI3C3245 PERICOM-PI3C3245 Datasheet
190Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3244 PERICOM-PI3C3244 Datasheet
203Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion, 8-Bit, 2-Port Bus Switch
PI3C32X245 PERICOM-PI3C32X245_11 Datasheet
645Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 16-Bit, 2-Port, Bus Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com