Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-5045 Datasheet(PDF) 4 Page - Harris Corporation

Part # HI-5045
Description  15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HI-5045 Datasheet(HTML) 4 Page - Harris Corporation

  HI-5045 Datasheet HTML 1Page - Harris Corporation HI-5045 Datasheet HTML 2Page - Harris Corporation HI-5045 Datasheet HTML 3Page - Harris Corporation HI-5045 Datasheet HTML 4Page - Harris Corporation HI-5045 Datasheet HTML 5Page - Harris Corporation HI-5045 Datasheet HTML 6Page - Harris Corporation HI-5045 Datasheet HTML 7Page - Harris Corporation HI-5045 Datasheet HTML 8Page - Harris Corporation HI-5045 Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
9-113
HI-5040 Series
Switch Functions Switch States are Logic “1” Input
SPST
HI-5040 (50
Ω)
DUAL SPST
HI-5041 (50
Ω)
SPDT
HI-5042 (50
Ω)
DUAL SPDT
HI-5043 (50
Ω)
DPST
HI-5044 (50
Ω)
DUAL DPST
HI-5045 (50
Ω)
DPDT
HI-5046 (50
Ω), HI-5046A (25Ω)
4PST
HI-5047 (50
Ω), HI-5047A (25Ω)
DUAL SPST
HI-5048 (25
Ω)
DUAL DPST
HI-5049 (25
Ω)
SPDT
HI-5050 (25
Ω)
DUAL SPDT
HI-5051 (25
Ω)
1
12
16
11
13
14
D
V+
V-
VL
VR
15
S
A
1
8
9
10
12
15
16
11
13
14
S1
A1
A2
S2
D1
D2
V-
VR
V+
VL
12
11
13
14
15
A
1
16
3
4
V+
VL
S1
S2
V-
VR
D1
D2
1
3
8
6
5
9
10
12
15
4
16
11
13
14
V+
VL
S1
A1
A2
S4
S3
S2
V-
VR
D1
D2
D4
D3
12
11
13
14
15
1
16
3
4
A
S1
S2
V+
VL
D1
D2
V-
VR
1
3
8
6
5
9
10
12
15
4
16
11
13
14
D1
D2
D4
D3
S1
A1
A2
S4
S3
S2
V-
VR
V+
VL
12
11
13
14
15
3
4
1
16
8
9
6
5
S1
S3
S4
S2
A
V-
VR
V+
VL
D1
D2
D4
D3
12
11
13
14
15
3
4
1
16
8
9
6
5
D1
D2
D4
D3
S1
S3
S4
S2
A
V-
VR
V+
VL
3
6
5
10
12
15
4
11
13
14
S1
A1
A2
S2
D1
D2
V-
VR
V+
VL
1
3
8
6
5
9
10
12
15
4
16
11
13
14
V+
VL
S1
A1
A2
S4
S3
S2
V-
VR
D1
D2
D4
D3
12
11
13
14
15
1
16
3
4
A
S1
S2
V+
VL
D1
D2
V-
VR
1
3
8
6
5
9
10
12
15
4
16
11
13
14
D1
D2
D4
D3
S1
A1
A2
S4
S3
S2
V-
VR
V+
VL


Similar Part No. - HI-5045

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042 Datasheet
165Kb / 11P
   CMOS Analog Switches
April 2000
HI-5042 INTERSIL-HI-5042 Datasheet
490Kb / 12P
   CMOS Analog Switches
HI-5042 INTERSIL-HI-5042 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
HI-5042 INTERSIL-HI-5042 Datasheet
494Kb / 12P
   CMOS Analog Switches
April 6, 2005
logo
Renesas Technology Corp
HI-5042 RENESAS-HI-5042 Datasheet
503Kb / 13P
   CMOS Analog Switches
June 16, 2016
More results

Similar Description - HI-5045

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5041B15 ROHM-BP5041B15 Datasheet
285Kb / 3P
   AC220V input, 15V/80mA output
logo
List of Unclassifed Man...
CD4066BCN ETC2-CD4066BCN Datasheet
115Kb / 9P
   Wide supply voltage range 3V to 15V
logo
Rohm
BP5041A15 ROHM-BP5041A15 Datasheet
38Kb / 3P
   AC/DC converter AC220V input, 15V/80mA output
BP5034D15 ROHM-BP5034D15 Datasheet
37Kb / 3P
   AC/DC converter AC100V input, 15V/80mA output
logo
FCI connector
RM16M-23T FCI-CONNECTOR-RM16M-23T Datasheet
2Mb / 101P
   wide range in current capability
logo
Richtek Technology Corp...
RT8269GSP RICHTEK-RT8269GSP Datasheet
198Kb / 12P
   Adjustable Output Voltage Range : 0.92V to 15V
logo
Rochester Electronics
MM54C89 ROCHESTER-MM54C89 Datasheet
605Kb / 6P
   Random Access Read / Write Memory Wide supply voltage range 3.0V ro 15V
logo
Sanyo Semicon Device
SB10-015C SANYO-SB10-015C Datasheet
100Kb / 3P
   15V, 1A Rectifier
SB10-015P SANYO-SB10-015P Datasheet
25Kb / 3P
   15V, 1A Rectifier
FC810 SANYO-FC810 Datasheet
50Kb / 2P
   15V, 700mA Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com