Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSG43001 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MSG43001
Description  SiGe HBT type For low-noise RF amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MSG43001 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MSG43001 Datasheet HTML 1Page - Panasonic Semiconductor MSG43001 Datasheet HTML 2Page - Panasonic Semiconductor MSG43001 Datasheet HTML 3Page - Panasonic Semiconductor MSG43001 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Transistors
1
Publication date: October 2004
SJC00295BED
MSG43001
SiGe HBT type
For low-noise RF amplifier
■ Features
• Compatible between high breakdown voltage and high cutoff fre-
quency
• Low-noise, high-gain amplification
• Suitable for high-density mounting and downsizing of the equip-
ment for Ultraminiature leadless package
0.6 mm
× 1.0 mm (height 0.39 mm)
■ Absolute Maximum Ratings T
a
= 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base cutoff current (Emitter open)
ICBO
VCB
= 9 V, I
E
= 01
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE = 6 V, IB = 01
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB = 1 V, IC = 01
µA
Forward current transfer ratio
hFE
VCE
= 3 V, I
C
= 3 mA
100
220
Transition frequency
fT
VCE = 3 V, IC = 10 mA, f = 2 GHz
19
GHz
Forward transfer gain
S
21e
2
VCE = 3 V, IC = 10 mA, f = 2 GHz
9.0
11.0
dB
Noise figure
NF
VCE
= 3 V, I
C
= 3 mA, f = 2 GHz
1.4
2.0
dB
Collector output capacitance
Cob
VCB = 3 V, IE = 0, f = 1 MHz
0.3
0.6
pF
(Common base, input open circuited)
■ Electrical Characteristics T
a
= 25°C ± 3°C
Unit: mm
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
9V
Collector-emitter voltage (Base open)
VCEO
6V
Emitter-base voltage (Collector open)
VEBO
1V
Collector current
IC
30
mA
Collector power dissipation*
PC
100
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Marking Symbol: 3N
1: Base
2: Emitter
3: Collector
ML3-N2 Package
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
Note) *: Copper plate at the collector is 5.0 cm2 on substrate at 10 mm
× 12
mm
× 0.8 mm.
1.00±0.05
2
1
3
0.39
+0.01
−0.03
0.25±0.05
0.25±0.05
0.65±0.01
2
1
0.05±0.03
3


Similar Part No. - MSG43001

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MSG43004 PANASONIC-MSG43004 Datasheet
94Kb / 4P
   SiGe HBT type For low-noise RF amplifier
More results

Similar Description - MSG43001

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MSG33001 PANASONIC-MSG33001 Datasheet
95Kb / 4P
   SiGe HBT type For low-noise RF amplifier
MSG43004 PANASONIC-MSG43004 Datasheet
94Kb / 4P
   SiGe HBT type For low-noise RF amplifier
MSG33002 PANASONIC-MSG33002 Datasheet
95Kb / 4P
   SIGE HBT TYPE FOR LOW-NOISE RF AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-8343 SIRENZA-SGA-8343 Datasheet
96Kb / 4P
   Low Noise, High Gain SiGe HBT
logo
SHIKUES Electronics
BFG425W SKTECHNOLGY-BFG425W Datasheet
663Kb / 4P
   Microwave, low noise, SiGe NPN HBT
logo
Hittite Microwave Corpo...
HMC548LP3 HITTITE-HMC548LP3_09 Datasheet
348Kb / 8P
   SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
HMC548LP3 HITTITE-HMC548LP3 Datasheet
484Kb / 10P
   SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
logo
RF Micro Devices
SGA8343Z RFMD-SGA8343Z Datasheet
1Mb / 13P
   LOW NOISE, HIGH GAIN SiGe HBT
logo
List of Unclassifed Man...
SGA-8343 ETC-SGA-8343 Datasheet
181Kb / 4P
   Low Noise, High Gain SiGe HBT
logo
Panasonic Semiconductor
MSG36E41 PANASONIC-MSG36E41 Datasheet
141Kb / 7P
   SiGe HBT type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com