Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-5040 Datasheet(PDF) 1 Page - Harris Corporation

Part # HI-5040
Description  15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HI-5040 Datasheet(HTML) 1 Page - Harris Corporation

  HI-5040 Datasheet HTML 1Page - Harris Corporation HI-5040 Datasheet HTML 2Page - Harris Corporation HI-5040 Datasheet HTML 3Page - Harris Corporation HI-5040 Datasheet HTML 4Page - Harris Corporation HI-5040 Datasheet HTML 5Page - Harris Corporation HI-5040 Datasheet HTML 6Page - Harris Corporation HI-5040 Datasheet HTML 7Page - Harris Corporation HI-5040 Datasheet HTML 8Page - Harris Corporation HI-5040 Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper I.C. Handling Procedures.
Copyright
© Harris Corporation 1993
December 1993
9-110
SEMICONDUCT OR
HI-5040 thru HI-5051
HI-5046A and HI-5047A
CMOS Analog Switches
Description
This family of CMOS analog switches offers low resistance
switching performance for analog voltages up to the supply
rails and for signal currents up to 80mA. “ON” resistance is
low and stays reasonably constant over the full range of
operating
signal
voltage
and
current.
RON remains
exceptionally constant for input voltages between +5V and
-5V and currents up to 50mA. Switch impedance also
changes very little over temperature, particularly between
0oC and +75oC. RON is nominally 25Ω for HI-5048 through
HI-5051 and HI-5046A and HI-5047A and 50
Ω for HI-5040
through HI-5047.
All devices provide break-before-make switching and are
TTL and CMOS compatible for maximum application
versatility. Performance is further enhanced by Dielectric
Isolation processing which insures latch-free operation with
very low input and output leakage currents (0.8nA at +25oC).
This family of switches also features very low power
operation (1.5mW at +25oC).
There are 14 devices in this switch series which are
differentiated by type of switch action and value of RON (see
Functional Description). All devices are available in 16 lead
DIP packages. The HI-5040 and HI-5050 switches can
directly replace IH-5040 series devices except IH5048, and
are functionally compatible with the DG180 and DG190
family. Each switch type is available in the -55oC to +125oC
and 0oC to +75oC performance grades.
Features
±15V Wide Analog Signal Range
• Low “ON” Resistance 25
Ω (Typical)
• High Current Capability 80mA (Typical)
• Break-Before-Make Switching
- Turn-On Time 370ns (Typical)
- Turn-Off Time 280ns (Typical)
• No Latch-Up
• Input MOS Gates are Protected from Electrostatic
Discharge
• DTL, TTL, CMOS, PMOS Compatible
Applications
• High Frequency Switching
• Sample and Hold
• Digital Filters
• Operational Amplifier Gain Switching
File Number
3127
Functional Description
PART NUMBER
TYPE
RON
HI-5040
SPST
50
HI-5041
Dual SPST
50
HI-5042
SPDT
50
HI-5043
Dual SPDT
50
HI-5044
DPST
50
HI-5045
Dual DPST
50
HI-5046
DPDT
50
HI-5046A
DPDT
25
HI-5047
4PST
50
HI-5047A
4PST
25
HI-5048
Dual SPST
25
HI-5049
Dual DPST
25
HI-5050
SPDT
25
HI-5051
Dual SPDT
25
Functional Block Diagram
TYPICAL DIAGRAM
S
N
A
P
D


Similar Part No. - HI-5040

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042 Datasheet
165Kb / 11P
   CMOS Analog Switches
April 2000
HI-5042 INTERSIL-HI-5042 Datasheet
490Kb / 12P
   CMOS Analog Switches
HI-5042 INTERSIL-HI-5042 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
HI-5042 INTERSIL-HI-5042 Datasheet
494Kb / 12P
   CMOS Analog Switches
April 6, 2005
logo
Renesas Technology Corp
HI-5042 RENESAS-HI-5042 Datasheet
503Kb / 13P
   CMOS Analog Switches
June 16, 2016
More results

Similar Description - HI-5040

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5041B15 ROHM-BP5041B15 Datasheet
285Kb / 3P
   AC220V input, 15V/80mA output
logo
List of Unclassifed Man...
CD4066BCN ETC2-CD4066BCN Datasheet
115Kb / 9P
   Wide supply voltage range 3V to 15V
logo
Rohm
BP5041A15 ROHM-BP5041A15 Datasheet
38Kb / 3P
   AC/DC converter AC220V input, 15V/80mA output
BP5034D15 ROHM-BP5034D15 Datasheet
37Kb / 3P
   AC/DC converter AC100V input, 15V/80mA output
logo
FCI connector
RM16M-23T FCI-CONNECTOR-RM16M-23T Datasheet
2Mb / 101P
   wide range in current capability
logo
Richtek Technology Corp...
RT8269GSP RICHTEK-RT8269GSP Datasheet
198Kb / 12P
   Adjustable Output Voltage Range : 0.92V to 15V
logo
Rochester Electronics
MM54C89 ROCHESTER-MM54C89 Datasheet
605Kb / 6P
   Random Access Read / Write Memory Wide supply voltage range 3.0V ro 15V
logo
Sanyo Semicon Device
SB10-015C SANYO-SB10-015C Datasheet
100Kb / 3P
   15V, 1A Rectifier
SB10-015P SANYO-SB10-015P Datasheet
25Kb / 3P
   15V, 1A Rectifier
FC810 SANYO-FC810 Datasheet
50Kb / 2P
   15V, 700mA Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com