Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ29312APW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29312APW
Description  TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ29312APW Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ29312APW Datasheet HTML 2Page - Texas Instruments BQ29312APW Datasheet HTML 3Page - Texas Instruments BQ29312APW Datasheet HTML 4Page - Texas Instruments BQ29312APW Datasheet HTML 5Page - Texas Instruments BQ29312APW Datasheet HTML 6Page - Texas Instruments BQ29312APW Datasheet HTML 7Page - Texas Instruments BQ29312APW Datasheet HTML 8Page - Texas Instruments BQ29312APW Datasheet HTML 9Page - Texas Instruments BQ29312APW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
www.ti.com
AC ELECTRICAL CHARACTERISTICS
AC TIMING SPECIFICATIONS (I2C COMPATIBLE SERIAL INTERFACE)
tsu(STA)
SCLK
SDATA
SCLK
SDATA
SCLK
SDATA
tw(H)
tw(L)
tf
tr
tr
tf
Start
Condition
SDA
Input
SDA
Change
Stop
Condition
th(STA)
th(DAT)
tsu(DAT)
th(ch)
Start Condition
tv
1
2
3
7
8
9
MSB
ACK
Stop Condition
tsu(STOP)
1
2
3
7
8
9
MSB
ACK
tsu(BUF)
bq29312A
SLUS629A – JANUARY 2005 – REVISED AUGUST 2005
T
A = 25°C, C(REG) = 4.7 µF, BAT = 14 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
t(WDTINT)
WDT start-up detect time
250
700
2000
ms
t(WDWT)
WDT detect time
100
µs
PARAMETER
MIN
MAX
UNIT
tr
SCLK SDATA rise time
1000
ns
tf
SCLK SDAT fall time
300
ns
tw(H)
SCLK pulse width high
4.0
µs
tw(L)
SCLK pulse width low
4.7
µs
tsu(STA)
Setup time for START condition
4.7
µs
th(STA)
START condition hold time after which first clock pulse is generated
4.0
µs
tsu(DAT)
Data setup time
250
ns
th(DAT)
Data hold time
0
µs
tsu(STOP)
Setup time for STOP condition
4.0
µs
tsu(BUF)
Time the bus must be free before new transmission can start
4.7
µs
t V
Clock low to data out valid
900
ns
th(CH)
Data out hold time after clock low
0
ns
fSCL
Clock frequency
0
100
kHz
6


Similar Part No. - BQ29312APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29312APW TI1-BQ29312APW Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29312APWG4 TI1-BQ29312APWG4 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29312APWR TI1-BQ29312APWR Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29312APWRG4 TI1-BQ29312APWRG4 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
More results

Similar Description - BQ29312APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29311 TI-BQ29311 Datasheet
242Kb / 19P
[Old version datasheet]   THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
logo
Fortune Semiconductor C...
FS3332 FORTUNE-FS3332 Datasheet
997Kb / 23P
   Two Cell Lithium-ion/Polymer Battery Protection
logo
Analog Intergrations Co...
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
   Three- Or Four-Cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
BQ29312 TI-BQ29312 Datasheet
310Kb / 33P
[Old version datasheet]   THREE AND FOUR CELL LITHIUM-LON ORLITHIUM-POLYMER BATTERY PROTECTION AFE
BQ29330 TI-BQ29330 Datasheet
1Mb / 26P
[Old version datasheet]   2-,3-,AND 4-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
Silicon Standard Corp.
SS6804 SSC-SS6804 Datasheet
616Kb / 12P
   Three/Four-cell Lithium-Ion Battery Protection IC
logo
Analog Intergrations Co...
AIC1802 AIC-AIC1802 Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
logo
Silicon Standard Corp.
SS6802 SSC-SS6802 Datasheet
253Kb / 10P
   TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
SS6803 SSC-SS6803 Datasheet
354Kb / 12P
   Three-cell Lithium-Ion Battery Protection IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
   One-cell lithium-ion/lithium-polymer battery protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com