Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFA75BA80 Datasheet(PDF) 2 Page - SanRex Corporation

Part # DFA75BA80
Description  THREE PHASE DIODE THYRISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DFA75BA80 Datasheet(HTML) 2 Page - SanRex Corporation

  DFA75BA80 Datasheet HTML 1Page - SanRex Corporation DFA75BA80 Datasheet HTML 2Page - SanRex Corporation DFA75BA80 Datasheet HTML 3Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DFA75BA80/160
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
Symbol
Item
Ratings
DFA75BA80
800
960
DFA75BA160
1600
1700
Unit
VRRM
VRSM
Repetitive Peak Reverse Voltage
Non-Repetitive Peak Reverse Voltage
V
V
800
1600
VDRM
Repetitive Peak off-State Voltage
V
Symbol
Item
Conditions
Ratings
75
Unit
IT(AV)
Average On-State Current
Singl phase hulfwave. 180
°condution, Tc=99℃
ITSM
Surge On-State Current
I2t
I2t
1cycle, 50/60HZ, peak value, non-repetitive
A
910/1000
A
4150
A2S
di
/dt
Critical Rate of Rise of On-State Current
IG
=100mA,
VD
12VDRM
diG/dt
=0.1A/μs
Tj
Operating Junction Temperature
Tstg
Storage Temperature
Mounting
Torque
Mounting
(M5)
Terminal
(M5)
Mass
Recommended Value 1.5-2.5
(15-25)
Recommended Value 1.5-2.5
(15-25)
Typical Value
150
A/
μs
−40 to +135
VISO
Isolation Breakdown Voltage (R.M.S.)
A.C. 1minute
2500
V
−40 to +125
2.7
(28)
2.7
(28)
150
N
・m
(㎏f・B)
g
Symbol
Item
Conditions
Ratings
60
Unit
IDRM
Repetitive Peak Off-State Current,max.
IRRM
Repetitive Peak Reverse Current,max.
Tj
=135℃,VD=VDRM
Tj
=135℃,VD=VRRM
VTM
Peak On-State Voltage,max.
IGT
Gate Trigger Current,max.
dv
/dt
Critical Rate of Rise of Off-
State Voltage,min.
Tj
=25℃,ITM=75A,Inst. measurement
VD
=6V,IT=1A
mA
60
mA
1.20
V
70
mA
VGT
Gate Trigger Voltage,max.
VD
=6V,IT=1A
3
V
Tj
=125℃,VD23VDRM
Rth
(j-c) Thermal Impedance, max.
Junction to Case
500
V/
μs
0.40
℃/W
Case to Fin
0.10
℃/W
■Electrical Characteristics
●THYRISTOR
Rth
(c-f) Thermal Impedance, max.
DIODE Maximum Forward Characteristics
Forward Voltage Drop VF(V)
0.
1.
1.
2.
2.
1000
100
20
10
200
500
50
j=25℃
Max.
Output Current ID(A)
50
250
200
150
100
30
40
10
50
20
80
70
60
DIODE Output Current vs. Power Dissipation
Three Phase


Similar Part No. - DFA75BA80

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DFA005S VISHAY-DFA005S Datasheet
85Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 19-Aug-13
DFA01S VISHAY-DFA01S Datasheet
27Kb / 2P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
25-Apr-03
DFA01S VISHAY-DFA01S Datasheet
85Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 19-Aug-13
DFA02S VISHAY-DFA02S Datasheet
27Kb / 2P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
25-Apr-03
DFA02S VISHAY-DFA02S Datasheet
85Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 19-Aug-13
More results

Similar Description - DFA75BA80

ManufacturerPart #DatasheetDescription
logo
ZHEJIANG HUAJING RECTIF...
HDFA150AA80 HUAJING-HDFA150AA80 Datasheet
349Kb / 4P
   Three Phase Diode & Thyristor
logo
SanRex Corporation
DFA200AA160 SANREX-DFA200AA160 Datasheet
128Kb / 3P
   THREE PHASE DIODE THYRISTOR
DFA100BA80 SANREX-DFA100BA80 Datasheet
118Kb / 3P
   THREE PHASE DIODE THYRISTOR
DFA150AA80 SANREX-DFA150AA80 Datasheet
122Kb / 3P
   THREE PHASE DIODETHYRISTOR
logo
ZHEJIANG HUAJING RECTIF...
HDFA50BA80 HUAJING-HDFA50BA80 Datasheet
343Kb / 4P
   Three Phase Diode & Thyristor
HDFA75BA80 HUAJING-HDFA75BA80 Datasheet
344Kb / 4P
   Three Phase Diode & Thyristor
HDFA100BA80 HUAJING-HDFA100BA80 Datasheet
344Kb / 5P
   Three Phase Diode & Thyristor
HDFA200AA80 HUAJING-HDFA200AA80 Datasheet
338Kb / 4P
   Three Phase Diode & Thyristor
logo
MacMic
MMK100U160UX MACMIC-MMK100U160UX Datasheet
636Kb / 5P
   1600V 100A Three Phase DiodeThyristor Module
MMK200T160UX MACMIC-MMK200T160UX Datasheet
742Kb / 5P
   1600V 200A Three Phase DiodeThyristor Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com