Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT3G04DP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AHCT3G04DP
Description  INVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT3G04DP Datasheet(HTML) 3 Page - NXP Semiconductors

  74AHCT3G04DP Datasheet HTML 1Page - NXP Semiconductors 74AHCT3G04DP Datasheet HTML 2Page - NXP Semiconductors 74AHCT3G04DP Datasheet HTML 3Page - NXP Semiconductors 74AHCT3G04DP Datasheet HTML 4Page - NXP Semiconductors 74AHCT3G04DP Datasheet HTML 5Page - NXP Semiconductors 74AHCT3G04DP Datasheet HTML 6Page - NXP Semiconductors 74AHCT3G04DP Datasheet HTML 7Page - NXP Semiconductors 74AHCT3G04DP Datasheet HTML 8Page - NXP Semiconductors 74AHCT3G04DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2003 Nov 06
3
Philips Semiconductors
Product specification
Inverter
74AHC3G04; 74AHCT3G04
ORDERING AND PACKAGE INFORMATION
PINNING
TYPE NUMBER
PACKAGES
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
MARKING
74AHC3G04DP
−40 to +125 °C
8
TSSOP8
plastic
SOT505-2
A04
74AHCT3G04DP
−40 to +125 °C
8
TSSOP8
plastic
SOT505-2
C04
74AHC3G04DC
−40 to +125 °C
8
VSSOP8
plastic
SOT765-1
A04
74AHCT3G04DC
−40 to +125 °C
8
VSSOP8
plastic
SOT765-1
C04
PIN
SYMBOL
DESCRIPTION
1
1A
data input
2
3Y
data output
3
2A
data input
4
GND
ground (0 V)
5
2Y
data output
6
3A
data input
7
1Y
data output
8VCC
supply voltage
handbook, halfpage
1
2
3
4
8
7
6
5
MNA719
04
VCC
1Y
3Y
3A
2Y
GND
2A
1A
Fig.1 Pin configuration.
handbook, halfpage
MNA720
1A
1Y
17
2A
2Y
35
3A
3Y
62
Fig.2 Logic symbol.


Similar Part No. - 74AHCT3G04DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT3G04DP NXP-74AHCT3G04DP Datasheet
89Kb / 13P
   Inverter
Rev. 02-26 January 2009
More results

Similar Description - 74AHCT3G04DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com