Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3517IGV-3.08-C-B-T1 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT3517IGV-3.08-C-B-T1
Description  Micropower uP Reset with Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3517IGV-3.08-C-B-T1 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT3517IGV-3.08-C-B-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3517IGV-3.08-C-B-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3517IGV-3.08-C-B-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3517IGV-3.08-C-B-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3517IGV-3.08-C-B-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3517IGV-3.08-C-B-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3517IGV-3.08-C-B-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3517IGV-3.08-C-B-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3517IGV-3.08-C-B-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AAT3510/1/2/3/4/5/6/7/8/9
Micropower µP Reset with Watchdog Timer
3510.2004.08.1.4
5
Note 1: Over-temperature limits are guaranteed by design, not production tested.
Note 2: This is the minimum time RESET must be held low by an external pulldown source to set the active pullup flip-flop.
Note 3: Measured from RESET VOL to (0.8 x VCC), Open Circuit Output.
Note 4: Watchdog timeout period C is not available on AAT3513, AAT3514, and AAT3518.
Note 5: WDI is internally serviced within the watchdog period if WDI is left unconnected.
Note 6: The WDI input current is specified as the average input current when the WDI input is driven high or low. The WDI input is
designed for a three-stated-output device with a 10µA maximum leakage current and capable of driving a maximum capacitive load of
200pF. The three-state device must be able to source and sink at least 200µA when active.
Symbol
Description
Conditions
Min
Typ
Max
Units
Manual RESET Input (AAT3510, 3511, 3512, 3515, 3516, 3517, 3519)
VIL
MR Input Threshold
0.3 x VCC
VIH
MR Input Threshold
0.7 x VCC
V
MR Input Pulse Width
1
µs
MR Glitch Rejection
100
ns
MR Internal Pullup Resistance
TA = 25°C
35
52
75
k
MR to Reset Delay
VCC = 5V
230
ns


Similar Part No. - AAT3517IGV-3.08-C-B-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3517IGV-2.63-C-C-T1 AAT-AAT3517IGV-2.63-C-C-T1 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analogic Techn...
AAT3517IGV-2.63-C-C-T1 ANALOGICTECH-AAT3517IGV-2.63-C-C-T1 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
logo
Advanced Analog Technol...
AAT3517IGV-2.8-B-C-T1 AAT-AAT3517IGV-2.8-B-C-T1 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analogic Techn...
AAT3517IGV-2.8-B-C-T1 ANALOGICTECH-AAT3517IGV-2.8-B-C-T1 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
logo
Advanced Analog Technol...
AAT3517IGV-2.93-C-C-T1 AAT-AAT3517IGV-2.93-C-C-T1 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
More results

Similar Description - AAT3517IGV-3.08-C-B-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3510 AAT-AAT3510 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510_06 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
logo
Mitsumi Electronics, Co...
MM1106 MITSUMI-MM1106 Datasheet
89Kb / 5P
   System Reset (with watchdog timerbattery back-up)
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
ATMEL Corporation
AT83C5112 ATMEL-AT83C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
logo
ATMEL Corporation
AT87C5112 ATMEL-AT87C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Rohm
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com