Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTD123ET Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PDTD123ET
Description  NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTD123ET Datasheet(HTML) 3 Page - NXP Semiconductors

  PDTD123ET Datasheet HTML 1Page - NXP Semiconductors PDTD123ET Datasheet HTML 2Page - NXP Semiconductors PDTD123ET Datasheet HTML 3Page - NXP Semiconductors PDTD123ET Datasheet HTML 4Page - NXP Semiconductors PDTD123ET Datasheet HTML 5Page - NXP Semiconductors PDTD123ET Datasheet HTML 6Page - NXP Semiconductors PDTD123ET Datasheet HTML 7Page - NXP Semiconductors PDTD123ET Datasheet HTML 8Page - NXP Semiconductors PDTD123ET Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
9397 750 14582
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 8 April 2005
3 of 10
Philips Semiconductors
PDTD123E series
NPN 500 mA resistor-equipped transistors; R1 = 2.2 k
Ω, R2 = 2.2 kΩ
3.
Ordering information
[1]
Also available in SOT54A and SOT54 variant packages (see Section 2 and Section 9).
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
Table 4:
Ordering information
Type number
Package
Name
Description
Version
PDTD123EK
SC-59A
plastic surface mounted package; 3 leads
SOT346
PDTD123ES [1]
SC-43A
plastic single-ended leaded (through hole) package;
3 leads
SOT54
PDTD123ET
-
plastic surface mounted package; 3 leads
SOT23
Table 5:
Marking codes
Type number
Marking code [1]
PDTD123EK
E3
PDTD123ES
D123ES
PDTD123ET
*7T
Table 6:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
10
V
VI
input voltage
positive
-
+12
V
negative
-
−10
V
IO
output current (DC)
-
500
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
SOT346
-
250
mW
SOT54
-
500
mW
SOT23
-
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C


Similar Part No. - PDTD123ET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTD123ET PHILIPS-PDTD123ET Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PDTD123ET NXP-PDTD123ET Datasheet
131Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
Rev. 02-16 November 2009
logo
Nexperia B.V. All right...
PDTD123ET NEXPERIA-PDTD123ET Datasheet
245Kb / 11P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
Rev. 02 - 16 November 2009
More results

Similar Description - PDTD123ET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD20_PUMD20 PHILIPS-PEMD20_PUMD20_15 Datasheet
65Kb / 10P
   NPN/PNP resistor-equipped transistors R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01-2 May 2005
logo
Nexperia B.V. All right...
PEMD20 NEXPERIA-PEMD20_V01 Datasheet
64Kb / 10P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01 - 2 May 2005
logo
NXP Semiconductors
PEMB20 NXP-PEMB20 Datasheet
71Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03-1 September 2009
PEMB20_PUMB20 PHILIPS-PEMB20_PUMB20_15 Datasheet
71Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03-1 September 2009
logo
Nexperia B.V. All right...
PEMB20 NEXPERIA-PEMB20 Datasheet
71Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03 - 1 September 2009
logo
NXP Semiconductors
PDTA123Y NXP-PDTA123Y Datasheet
123Kb / 18P
   PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 10 kW
Rev. 04-3 September 2009
logo
Nexperia B.V. All right...
PDTC123T_SER NEXPERIA-PDTC123T_SER Datasheet
585Kb / 10P
   NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 10 March 2006
logo
NXP Semiconductors
PDTC123TM NXP-PDTC123TM Datasheet
85Kb / 10P
   NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01-10 March 2006
logo
Nexperia B.V. All right...
PDTA123Y_SER NEXPERIA-PDTA123Y_SER Datasheet
237Kb / 19P
   PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 10 kW
Rev. 04 - 3 September 2009
PDTA123T_SER NEXPERIA-PDTA123T_SER Datasheet
198Kb / 11P
   PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02 - 3 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com