Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OL4121N-140 Datasheet(PDF) 4 Page - OKI electronic componets

Part # OL4121N-140
Description  High-Power Laser Diode Butterfly Modules(1480 nm, 120 mW/140 mW)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

OL4121N-140 Datasheet(HTML) 4 Page - OKI electronic componets

  OL4121N-140 Datasheet HTML 1Page - OKI electronic componets OL4121N-140 Datasheet HTML 2Page - OKI electronic componets OL4121N-140 Datasheet HTML 3Page - OKI electronic componets OL4121N-140 Datasheet HTML 4Page - OKI electronic componets OL4121N-140 Datasheet HTML 5Page - OKI electronic componets OL4121N-140 Datasheet HTML 6Page - OKI electronic componets OL4121N-140 Datasheet HTML 7Page - OKI electronic componets OL4121N-140 Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
s OL4121N-120 and OL4121N-140 s ––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
2
Oki Semiconductor
ELECTRICAL CHARACTERISTICS
Exceeding these maximum ratings could cause immediate damage or lead to permanent deterioration of the device.
Absolute Maximum Ratings (ambient temperature Ta = 25°C unless otherwise noted)
Parameter
Symbol
Ratings
Units
Fiber Output Power
OL4121N-120
Pf
130
mW
OL4121N-140
160
mW
Laser Diode Forward Current
OL4121N-120
IF(LD)
750
mA
OL4121N-140
800
mA
Laser Diode Reverse Voltage
VR(LD)
2V
Photo Diode Reverse Voltage
VR(PD)
15
V
Operating Temperature Range
Topr
-20 to +65
°C
Storage Temperature Range
Tstg
-40 to +70
°C
Optical and Electrical Characteristics (Ta = 25°C)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Threshold Current
ITH
---
---
---
60
mA
Laser Diode Operating Current
OL4121N-120
Iop(LD)
Pf = 120 mW
---
---
600
mA
OL4121N-140
Pf = 140 mW
700
mA
Laser Diode Operating Voltage
Vop(LD)
Pf = 120 / 140 mW
---
---
2.5
V
Center Wavelength
λc
Pf = 120 / 140 mW
1460
---
1490
nm
RMS Spectral Width
σ
Pf = 120 / 140 mW (RMS)
---
---
10
nm
Tracking Error
TER
IM = const., 0/ 25/ 65°C
---
---
+/-1.0
dB
PD Dark Current
IDARK
VR(PD) = 5 V
---
---
100
nA
Monitor Current
Im
Pf = 120 / 140 mW, VR(PD) = 5 V
100
---
---
µA
Thermoelectric Cooler Capacity
∆T
Pf = 120 / 140 mW
40
---
---
°C
Thermoelectric Cooler Current
ITEC
∆T = 40°C, Pf = 120 / 140 mW
---
---
1.5
A
Thermoelectric Cooler Voltage
VTEC
∆T = 40°C, Pf = 120 / 140 mW
---
---
4.0
V
Thermistor Resistance
Rth
---
9
---
11
K
Fiber Pigtail Specifications
Parameter
Specifications
Units
Type
SM
---
Mode Field Diameter
10 +/-1
µm
Cladding Diameter
125 +/-2
µm
Jacket Diameter
900
µm
Length
1.0 (Minimum)
m
Connector
FC
---


Similar Part No. - OL4121N-140

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
OL400W ADVANCEDENERGY-OL400W Datasheet
588Kb / 8P
   400 W HIGH VOLTAGE POWER SUPPLIES
logo
OKI electronic componet...
OL4201N OKI-OL4201N Datasheet
61Kb / 8P
   Service Channel FP Laser Module (1480 nm, 1 mW)
OL4492L OKI-OL4492L Datasheet
52Kb / 6P
   1.48, 1.51, 1.52 關m Coaxial DFB Laser Module
More results

Similar Description - OL4121N-140

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL4201N OKI-OL4201N Datasheet
61Kb / 8P
   Service Channel FP Laser Module (1480 nm, 1 mW)
logo
California Eastern Labs
NX7462LE-CC CEL-NX7462LE-CC Datasheet
197Kb / 5P
   1480 nm InGaAsP MQW FP PUMP LASER DIODE MODULE FOR EDFA APPLICATION (120 mW MIN)
logo
OKI electronic componet...
OL3300N-05 OKI-OL3300N-05 Datasheet
53Kb / 8P
   Surface Mount Laser Diode Modules (1310 nm, 0.5 mW)
logo
California Eastern Labs
NX7461LE-CC CEL-NX7461LE-CC Datasheet
187Kb / 5P
   1480 nm InGaAsP MQW FP PUMP LASER DIODE MODULE FOR EDFA APPLICATION (150 mW MIN)
logo
OKI electronic componet...
OL5300N-03 OKI-OL5300N-03 Datasheet
57Kb / 8P
   Surface Mount Laser Diode Module (1550 nm, 0.3 mW)
OL6201N-A10 OKI-OL6201N-A10 Datasheet
59Kb / 8P
   MQW Laser Diode Cooled Dil Module (1625 nm /-10 nm, 1 mW)
OL6205N-1-A10 OKI-OL6205N-1-A10 Datasheet
58Kb / 8P
   MQW Laser Diode Uncooled Dil Module (1625 nm /-10 nm, 1 mW)
logo
Agilent(Hewlett-Packard...
LSCX110 HP-LSCX110 Datasheet
156Kb / 8P
   1 mW 14 Pin DIL Cooled Laser Modules
logo
OKI electronic componet...
OL5207L-5-A10 OKI-OL5207L-5-A10 Datasheet
63Kb / 8P
   Service Channel DFB Laser Module (1510 nm, 5 mW)
logo
Bookham, Inc.
LC93C-20 BOOKHAM-LC93C-20 Datasheet
169Kb / 4P
   980 nm Pump Laser Module Unstabilised 100-220 mW
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com