Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM39LV040-55FLI Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM39LV040-55FLI
Description  4M (512Kx8) Bits Flash Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM39LV040-55FLI Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM39LV040-55FLI Datasheet HTML 2Page - ELAN Microelectronics Corp EM39LV040-55FLI Datasheet HTML 3Page - ELAN Microelectronics Corp EM39LV040-55FLI Datasheet HTML 4Page - ELAN Microelectronics Corp EM39LV040-55FLI Datasheet HTML 5Page - ELAN Microelectronics Corp EM39LV040-55FLI Datasheet HTML 6Page - ELAN Microelectronics Corp EM39LV040-55FLI Datasheet HTML 7Page - ELAN Microelectronics Corp EM39LV040-55FLI Datasheet HTML 8Page - ELAN Microelectronics Corp EM39LV040-55FLI Datasheet HTML 9Page - ELAN Microelectronics Corp EM39LV040-55FLI Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
EM39LV040
4M (512Kx8) Bits Flash Memory
SPECIFICATION
Sector Erase
The EM39LV040 offers Sector-Erase mode. The Sector-Erase operation allows the system
to erase the device on a sector-by-sector basis. The sector architecture is based on uniform
sector size of 4 KByte. The Sector-Erase operation is initiated by executing a six-byte
command sequence with Sector-Erase command (30H) and Sector Address (SA) in the last
bus cycle. The sector or block address is latched on the falling edge of the sixth WE# pulse,
while the command (30H) is latched on the rising edge of the sixth WE# pulse. The internal
Erase operation begins after the sixth WE# pulse. The End-of-Erase operation can be
determined by using either Data# Polling or Toggle Bit method. See Figures 7 for timing
waveforms. Any command issued during the Sector-Erase operation is ignored.
Data# Polling (DQ7)
When the EM39LV040 is in the internal Program operation, any attempt to read DQ7 will
produce the complement of the true data. Once the Program operation is completed, DQ7
will produce the true data. Note that even though DQ7 may have valid data immediately
following the completion of an internal Program operation, the remaining data outputs may still
be invalid (valid data on the entire data bus will appear in subsequent successive Read cycles
after an interval of 1 µs). During internal Erase operation, any attempt to read DQ7 will
produce a “0”. Once the internal Erase operation is completed, DQ7 will produce a “1”. The
Data# Polling is valid after the rising edge of fourth WE# (or CE#) pulse for Program operation.
For Sector-Erase or Chip-Erase, the Data# Polling is valid after the rising edge of sixth WE#
(or CE#) pulse. See Figure 4 for Data# Polling timing diagram and Figure 13 for the
corresponding flowchart.
Toggle Bit (DQ6)
During the internal Program or Erase operation, any consecutive attempts to read DQ6 will
produce alternating 1s and 0s, i.e., toggling between 1 and 0. When the internal Program or
Erase operation is completed, the DQ6 bit will stop toggling. The device is then ready for the
next operation. The Toggle Bit is valid after the rising edge of fourth WE# (or CE#) pulse for
Program operation. For Sector-Erase or Chip-Erase, the Toggle Bit is valid after the rising
edge of sixth WE# (or CE#) pulse. See Figure 5 for Toggle Bit timing diagram and Figure 13
for the corresponding flowchart.
Data Protection
The EM39LV040 provides both hardware and software features to protect the data from
inadvertent write.
This specification is subject to change without further notice. (07.22.2004 V1.0)
Page 6 of 21


Similar Part No. - EM39LV040-55FLI

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM39LV010 EMC-EM39LV010 Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RD EMC-EM39LV010-45RD Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RH EMC-EM39LV010-45RH Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RL EMC-EM39LV010-45RL Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RM EMC-EM39LV010-45RM Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
More results

Similar Description - EM39LV040-55FLI

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F004T MCNIX-MX29F004T Datasheet
587Kb / 39P
   4M-BIT [512KX8] CMOS FLASH MEMORY
MX29F400T MCNIX-MX29F400T Datasheet
710Kb / 44P
   4M-BIT [512Kx8/256Kx16] CMOS FLASH MEMORY
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F040 MCNIX-MX29F040 Datasheet
592Kb / 40P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
logo
Sharp Corporation
LHF40V11 SHARP-LHF40V11 Datasheet
1Mb / 47P
   4M Flash Memory
LHF40V01 SHARP-LHF40V01 Datasheet
1Mb / 48P
   4M Flash Memory
LHF40V21 SHARP-LHF40V21 Datasheet
1Mb / 53P
   4M Flash Memory
LHF40V13 SHARP-LHF40V13 Datasheet
1Mb / 48P
   4M Flash Memory
LH28F400SUHN SHARP-LH28F400SUHN Datasheet
2Mb / 46P
   4M Flash Memory
logo
Toshiba Semiconductor
TC58FVT321-70 TOSHIBA-TC58FVT321-70 Datasheet
555Kb / 48P
   32-MBIT (4M 횞 8 BITS / 2M 횞 16 BITS) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com