Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LW025F Datasheet(PDF) 6 Page - Tyco Electronics

Part # LW025F
Description  LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LW025F Datasheet(HTML) 6 Page - Tyco Electronics

Back Button LW025F Datasheet HTML 2Page - Tyco Electronics LW025F Datasheet HTML 3Page - Tyco Electronics LW025F Datasheet HTML 4Page - Tyco Electronics LW025F Datasheet HTML 5Page - Tyco Electronics LW025F Datasheet HTML 6Page - Tyco Electronics LW025F Datasheet HTML 7Page - Tyco Electronics LW025F Datasheet HTML 8Page - Tyco Electronics LW025F Datasheet HTML 9Page - Tyco Electronics LW025F Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
6
Tyco Electronics Corp.
Advance Data Sheet
March 1999
36 Vdc to 75 Vdc Inputs; 25 W
LW025 Single-Output-Series Power Modules:
Characteristics Curves (continued)
8-2478(C)
Figure 5. LW025F Typical Converter Efficiency vs.
Output Current
8-1984(C)
Figure 6. LW025A Typical Converter Efficiency vs.
Output Current
8-1261(C).c
Figure 7. LW025A, F Typical Output Voltage for a
Step Load Change from 50% to 25%
8-1262(C)
Figure 8. LW025A, F Typical Output Voltage for a
Step Load Change from 50% to 75%
0.9
1.4
1.9
2.4
2.9
3.4
60
76
OUTPUT CURRENT, IO (A)
72
70
74
78
0.4
62
68
3.9
4.4
4.9
66
64
VI = 36 V
VI = 48 V
VI = 75 V
1.0
1.5
2.0
2.5
3.0
3.5
60
OUTPUT CURRENT, I O (A)
80
75
85
5.0
0.5
70
4.0
4.5
65
VI = 48 V
VI = 75 V
VI = 36 V
TIME, t (100 µs/div)
1.25A
2.5A
TIME, t (100 µs/div)
2.5 A
3.75 A


Similar Part No. - LW025F

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
LW020 GE-LW020 Datasheet
426Kb / 16P
   LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
LW020A GE-LW020A Datasheet
426Kb / 16P
   LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
LW020AF GE-LW020AF Datasheet
426Kb / 16P
   LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
LW020B GE-LW020B Datasheet
426Kb / 16P
   LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
LW020BC GE-LW020BC Datasheet
426Kb / 16P
   LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
More results

Similar Description - LW025F

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
LW020G GE-LW020G Datasheet
426Kb / 16P
   LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
JW030D-M GE-JW030D-M Datasheet
765Kb / 20P
   JW030-Series Power Modules 36 Vdc to 75 Vdc Inputs 30 W
logo
Lineage Power Corporati...
DW025ABK-M LINEAGEPOWER-DW025ABK-M Datasheet
692Kb / 20P
   DW025 Triple Output-Series Power Modules 36 Vdc to 75 Vdc Input; 25 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Tyco Electronics
SMLW010 MACOM-SMLW010 Datasheet
222Kb / 16P
   SMLW010 Single-Output Low-Profile Power Modules: 36 Vdc to 75 Vdc Input; 10 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com