Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2581 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2581
Description  DUAL SUPPLY WIDE BAND 3ch VIDEO AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2581 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2581 Datasheet HTML 1Page - New Japan Radio NJM2581 Datasheet HTML 2Page - New Japan Radio NJM2581 Datasheet HTML 3Page - New Japan Radio NJM2581 Datasheet HTML 4Page - New Japan Radio NJM2581 Datasheet HTML 5Page - New Japan Radio NJM2581 Datasheet HTML 6Page - New Japan Radio NJM2581 Datasheet HTML 7Page - New Japan Radio NJM2581 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NJM2581
- 2 -
Ver.7
s
s
s
s ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETERS
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+/-
±6.0
V
Power Dissipation
PD
(DIP) 500
(DMP) 350
mW
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-40 to +125
°C
s
s
s
s ELECTRICAL CHARACTERISTICS
( V
+=±5.0V, R
L=150Ω, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Current
ICC
No signal
-
23.0
33.0
mA
Operating Current
(Power Save)
Isave
No signal, Power Save
-
-
1.2
mA
Maximum Output Voltage
Vom
Vin=1kHz,Sin signal, THD=1%,
7.4
8.0
-
Vp-p
Voltage Gain
Gv
Vin=1MHz, 1.0Vp-p Sin signal
6.0
6.4
6.8
dB
Band Width
f
-
50
-
MHz
Frequency Characteristic
Gf
Vin=50MHz / 1MHz, 1.0Vp-p, Sin signal
-
0
-
dB
Cross talk 1
CTB1
Vin=4.43MHz, 1.0Vp-p, Sin signal
-
-60
-50
dB
Cross talk 2
CTB2
Vin=50MHz, 1.0Vp-p, Sin signal
-
-40
-
dB
Differential Gain
DG
Vin=1.0Vp-p 10step Video signal *1
-
0.3
-
%
Differential Phase
DP
Vin=1.0Vp-p 10step Video signal *1
-
0.3
-
deg
S/N
SNv
Vin=1.0Vp-p,
100% White Video signal *1
-
70
-
dB
Power Save Switch Change
Voltage H Level
VthPH
IC Operating
2.0
-
V
+
V
Power Save Switch Change
Voltage L Level
VthPL
IC Waiting
0
-
0.6
V
*1: Refer to TEST CIRCUIT 2.
s
s
s
s MODE SWITCH FUNCTION
PIN
MODE
NOTES
H
Power Save : OFF
L
Power Save : ON
Power Save
OPEN
Power Save : ON


Similar Part No. - NJM2581

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2580 NJRC-NJM2580 Datasheet
320Kb / 8P
   SINGLE SUPPLY WIDE BAND 3ch VIDEO AMPLIFIER
NJM2580D NJRC-NJM2580D Datasheet
320Kb / 8P
   SINGLE SUPPLY WIDE BAND 3ch VIDEO AMPLIFIER
NJM2580M NJRC-NJM2580M Datasheet
320Kb / 8P
   SINGLE SUPPLY WIDE BAND 3ch VIDEO AMPLIFIER
NJM2582 NJRC-NJM2582 Datasheet
121Kb / 9P
   4CH VIDEO AMPLIFIER FOR SCART
NJM2583A NJRC-NJM2583A Datasheet
347Kb / 11P
   6CH VIDEO AMPLIFIER WITH SD/ HD LPF
More results

Similar Description - NJM2581

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2580 NJRC-NJM2580 Datasheet
320Kb / 8P
   SINGLE SUPPLY WIDE BAND 3ch VIDEO AMPLIFIER
logo
Hitachi Semiconductor
HA11533 HITACHI-HA11533 Datasheet
192Kb / 5P
   3CH VIDEO AMPLIFIER
logo
List of Unclassifed Man...
CA3040 ETC2-CA3040 Datasheet
429Kb / 6P
   Video and Wide-band Amplifier
logo
Renesas Technology Corp
UPC4742MF-DAA RENESAS-UPC4742MF-DAA Datasheet
322Kb / 10P
   Single Power Supply, High Speed, Wide Band, Dual Operational Amplifier
Jul 25, 2012
logo
New Japan Radio
NJM2516 NJRC-NJM2516 Datasheet
82Kb / 5P
   47關F AC-Coupling Capacitor Wide Band 3ch Video Driver with LPF
logo
STMicroelectronics
TEA5040S STMICROELECTRONICS-TEA5040S Datasheet
177Kb / 12P
   WIDE BAND VIDEO PROCESSOR
April 1993
TEA5040 STMICROELECTRONICS-TEA5040 Datasheet
178Kb / 12P
   WIDE BAND VIDEO PROCESSOR
TDA9201 STMICROELECTRONICS-TDA9201 Datasheet
709Kb / 12P
   WIDE BAND VIDEO PREAMPLIFIER
TEA5652 STMICROELECTRONICS-TEA5652 Datasheet
444Kb / 10P
   WIDE BAND VIDEO PROCESSOR
logo
New Japan Radio
NJM2573 NJRC-NJM2573 Datasheet
84Kb / 3P
   LOW VOLTAGE 3ch VIDEO AMPLIFIER WITH LPF
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com