Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-EL08-VYK00 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HLMP-EL08-VYK00
Description  T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-EL08-VYK00 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HLMP-EL08-VYK00 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-EL08-VYK00 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-EL08-VYK00 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-EL08-VYK00 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-EL08-VYK00 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-EL08-VYK00 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-EL08-VYK00 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-EL08-VYK00 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HLMP-EL08-VYK00 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Figure 2. Forward Current vs. Forward Voltage.
Figure 3. Relative Luminous Intensity vs.
Forward Current.
Figure 4. Maximum Forward Current vs. Ambient
Temperature. Derating Based on TJMAX = 130°C.
Figure 1. Relative Intensity vs. Peak Wavelength.
Figure 5. Representative Spatial Radiation Pattern for 6
° Viewing Angle Lamps.
WAVELENGTH – nm
550
600
650
700
1.0
0.5
0
AMBER
RED-ORANGE
ORANGE
RED
1.0
0
VF – FORWARD VOLTAGE – V
2.5
100
40
30
1.5
2.0
60
3.0
10
20
50
RED
AMBER
70
80
90
0
0
IF – DC FORWARD CURRENT – mA
40
3.0
2.0
1.5
1.0
0.5
20
60
2.5
0
0
TA – AMBIENT TEMPERATURE – °C
40
80
50
40
30
20
10
20
60
100
R
θJA = 585° C/W
R
θJA = 780° C/W
100
0
θ – ANGULAR DISPLACEMENT – DEGREES
80
60
50
70
20
-20
-15
10
30
40
-10
0
5
10
15
20
25
90
-25
-5


Similar Part No. - HLMP-EL08-VYK00

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-EL08-VYK00 HP-HLMP-EL08-VYK00 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL08-VYK00 AVAGO-HLMP-EL08-VYK00 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL08-VYK00 AVAGO-HLMP-EL08-VYK00 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results

Similar Description - HLMP-EL08-VYK00

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
Unity Opto Technology
MVL-5C4UYL UOT-MVL-5C4UYL Datasheet
39Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-5A4UG UOT-MVL-5A4UG Datasheet
36Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com