Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-K111-E0000 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HDSP-K111-E0000
Description  Black Surface Seven Segment Displays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-K111-E0000 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HDSP-K111-E0000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-K111-E0000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-K111-E0000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-K111-E0000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-K111-E0000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-K111-E0000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-K111-E0000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-K111-E0000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-K111-E0000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Part Numbering System
Notes:
1. For codes not listed in the figure above, please refer to the respective datasheet or contact your nearest
Agilent representative for details.
2. Bin options refer to shippable bins for a part number. Color and Intensity Bins are typically restricted to 1
bin per tube (exceptions may apply). Please refer to respective datasheet for specific bin limit information.
5082 -X X X X-X X X X X
HDSP-X X X X-X X X X X
Mechanical Options[1]
00: No Mechanical Option
Color Bin Options[1,2]
0: No Color Bin Limitation
Maximum Intensity Bin[1,2]
0: No Maximum Intensity Bin Limitation
Minimum Intensity Bin[1,2]
0: No Minimum Intensity Bin Limitation
Device Configuration/Color[1]
1: Common Anode
3: Common Cathode
Device Specific Configuration[1]
Refer to Respective Datasheet
Package[1]
A: 7.6 mm (0.3 inch) Single Digit Seven Segment Display
F: 10 mm (0.4 inch) Single Digit Seven Segment Display
G: 10 mm (0.4 inch) Dual Digit Seven Segment Display
H: 14.2 mm (0.56 inch) Single Digit Seven Segment Display
K: 14.2 mm (0.56 inch) Dual Digit Seven Segment Display


Similar Part No. - HDSP-K111-E0000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-K111 AVAGO-HDSP-K111 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
HDSP-K111 AVAGO-HDSP-K111 Datasheet
1Mb / 13P
   Black Surface Seven Segment Displays
More results

Similar Description - HDSP-K111-E0000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-A413 AVAGO-HDSP-A413_10 Datasheet
1Mb / 13P
   Black Surface Seven Segment Displays
HDSP-AX11 AVAGO-HDSP-AX11 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
logo
Fairchild Semiconductor
MAN70A FAIRCHILD-MAN70A Datasheet
721Kb / 9P
   SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-550X AVAGO-HDSP-550X Datasheet
352Kb / 10P
   Seven Segment Displays
logo
QT Optoelectronics
FND367 QT-FND367 Datasheet
409Kb / 4P
   SEVEN SEGMENT DISPLAYS
MAN6600 QT-MAN6600 Datasheet
527Kb / 5P
   0.560-INCH SEVEN SEGMENT DISPLAYS
5082-7650 QT-5082-7650 Datasheet
526Kb / 5P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
logo
QT Optoelectronics
MAN8900 QT-MAN8900 Datasheet
453Kb / 4P
   0.800-INCH SEVEN SEGMENT DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com