Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM39LV040-45RFDC Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM39LV040-45RFDC
Description  4M (512Kx8) Bits Flash Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM39LV040-45RFDC Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM39LV040-45RFDC Datasheet HTML 1Page - ELAN Microelectronics Corp EM39LV040-45RFDC Datasheet HTML 2Page - ELAN Microelectronics Corp EM39LV040-45RFDC Datasheet HTML 3Page - ELAN Microelectronics Corp EM39LV040-45RFDC Datasheet HTML 4Page - ELAN Microelectronics Corp EM39LV040-45RFDC Datasheet HTML 5Page - ELAN Microelectronics Corp EM39LV040-45RFDC Datasheet HTML 6Page - ELAN Microelectronics Corp EM39LV040-45RFDC Datasheet HTML 7Page - ELAN Microelectronics Corp EM39LV040-45RFDC Datasheet HTML 8Page - ELAN Microelectronics Corp EM39LV040-45RFDC Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
EM39LV040
4M (512Kx8) Bits Flash Memory
SPECIFICATION
Device Operation
The EM39LV040 uses Commands to initiate the memory operation functions. The
Commands are written to the device by asserting WE# Low while keeping CE# Low. The
address bus is latched on the falling edge of WE# or CE#, whichever occurs last. The data
bus is latched on the rising edge of WE# or CE#, whichever occurs first.
Read
The Read operation of the EM39LV040 is controlled by CE# and OE#. Both have to be Low
for the system to obtain data from the outputs. CE# is used for device selection. When CE#
is high, the chip is deselected and only standby power is consumed. OE# is the output
control and is used to gate data from the output pins. The data bus is in high impedance state
when either CE# or OE# is high. Refer to the Read Cycle Timing Diagram in Figure 1 for
further details.
Byte Program
The EM39LV040 is programmed on a byte-by-byte basis. Before programming, the sector
where the byte is located; must be erased completely. The Program operation is
accomplished in three steps:
The first step is a three-byte load sequence for Software Data Protection.
The second step is to load byte address and byte data.
During the Byte Program
operation, the addresses are latched on the falling edge of either CE# or WE#, whichever
occurs last; and the data is latched on the rising edge of either CE# or WE#, whichever
occurs first.
The third step is the internal Program operation which is initiated after the rising edge of
the fourth WE# or CE#, whichever occurs first.
The Pro gram operation, once initiated,
will be completed within 16 µs.
See Figures 2 and 3 for WE# and CE# controlled
Program operation timing diagrams respectively and Figure 12 for the corresponding
flowchart.
During the Program operation, the only valid reads are Data# Polling and Toggle Bit. During
the internal Program operation, the host is free to perform additional tasks. Any command
issued during the internal Program operation is ignored.
This specification is subject to change without further notice. (07.22.2004 V1.0)
Page 4 of 21


Similar Part No. - EM39LV040-45RFDC

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM39LV010 EMC-EM39LV010 Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RD EMC-EM39LV010-45RD Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RH EMC-EM39LV010-45RH Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RL EMC-EM39LV010-45RL Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RM EMC-EM39LV010-45RM Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
More results

Similar Description - EM39LV040-45RFDC

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F004T MCNIX-MX29F004T Datasheet
587Kb / 39P
   4M-BIT [512KX8] CMOS FLASH MEMORY
MX29F400T MCNIX-MX29F400T Datasheet
710Kb / 44P
   4M-BIT [512Kx8/256Kx16] CMOS FLASH MEMORY
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F040 MCNIX-MX29F040 Datasheet
592Kb / 40P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
logo
Sharp Corporation
LHF40V11 SHARP-LHF40V11 Datasheet
1Mb / 47P
   4M Flash Memory
LHF40V01 SHARP-LHF40V01 Datasheet
1Mb / 48P
   4M Flash Memory
LHF40V21 SHARP-LHF40V21 Datasheet
1Mb / 53P
   4M Flash Memory
LHF40V13 SHARP-LHF40V13 Datasheet
1Mb / 48P
   4M Flash Memory
LH28F400SUHN SHARP-LH28F400SUHN Datasheet
2Mb / 46P
   4M Flash Memory
logo
Toshiba Semiconductor
TC58FVT321-70 TOSHIBA-TC58FVT321-70 Datasheet
555Kb / 48P
   32-MBIT (4M 횞 8 BITS / 2M 횞 16 BITS) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com