Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAU305 Datasheet(PDF) 4 Page - Total Power International

Part # MAU305
Description  MAU300 Series 2 Watt Ultra Miniature High Isolation SIP DC/DC Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MAU305 Datasheet(HTML) 4 Page - Total Power International

  MAU305 Datasheet HTML 1Page - Total Power International MAU305 Datasheet HTML 2Page - Total Power International MAU305 Datasheet HTML 3Page - Total Power International MAU305 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Derating Curve
Connecting Pin Patterns
(2.54 mm / 0.1 inch grids )
Single Output
Dual Output
NOTE:
1. Specifications typical at Ta=+25],resistive load,nominal input voltage,rated output current unless otherwise noted.
2. Other input and output voltage may be available,Please contact factory.
3. Specifications subject to change without notice.
-25
-10
0
20
60
40
80
100
125
Output
Power
%
Ambient Temperature OC
Output
Power
%
20
40
60
80
100
0
20
40
60
80
100
0
-3% / OC
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-4-
TOTAL POWER INT'L
MAU300


Similar Part No. - MAU305

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MAU305 MINMAX-MAU305 Datasheet
217Kb / 6P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
MAU305 MINMAX-MAU305 Datasheet
511Kb / 4P
   DC/DC CONVERTER 2W SIP Package with Industry Standard Pinout
MAU305 MINMAX-MAU305 Datasheet
665Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
logo
Total Power Internation...
MAU305 TOTAL-POWER-MAU305 Datasheet
472Kb / 4P
   SIP Package with Industry Standard Pinout
More results

Similar Description - MAU305

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU200 TOTAL-POWER-MAU200 Datasheet
166Kb / 4P
   MAU200 Series 1 Watt Ultra Miniature High Isolation SIP DC/DC Single & Dual Output
logo
MPS Industries, Inc.
ADC400 MPSIND-ADC400 Datasheet
171Kb / 2P
   1W, Ultra-High Isolation SIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MAU400 TOTAL-POWER-MAU400 Datasheet
338Kb / 6P
   1W, Ultra High Isolation SIP SINGLE AND DUAL OUTPUT DC/DC Converters
logo
MicroPower Direct, LLC
E100EI MPD-E100EI Datasheet
266Kb / 2P
   1W, High Isolation Ultra-Miniature SIP DC/DC Converters
D100VHI MPD-D100VHI Datasheet
193Kb / 2P
   Miniature, 1W SIP Ultra-High Isolation DC/DC Converters
E200I MPD-E200I Datasheet
171Kb / 2P
   High Isolation, 2W Ultra-Miniature, SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC200 MPSIND-ADC200 Datasheet
174Kb / 2P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI100DI5.7 MPD-MHI100DI5.7 Datasheet
662Kb / 3P
   High Isolation, 1W SIP Single & Dual Output DC/DC Converters
MHI200DI5.7 MPD-MHI200DI5.7 Datasheet
645Kb / 3P
   High Isolation, 2W SIP Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MAU200 MINMAX-MAU200 Datasheet
217Kb / 6P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com