Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM68V1000BLTI-10L Datasheet(PDF) 9 Page - Samsung semiconductor

Part # KM68V1000BLTI-10L
Description  128K X 8bit Low Power and Low Voltage CMOS Statinc RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM68V1000BLTI-10L Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button KM68V1000BLTI-10L Datasheet HTML 2Page - Samsung semiconductor KM68V1000BLTI-10L Datasheet HTML 3Page - Samsung semiconductor KM68V1000BLTI-10L Datasheet HTML 4Page - Samsung semiconductor KM68V1000BLTI-10L Datasheet HTML 5Page - Samsung semiconductor KM68V1000BLTI-10L Datasheet HTML 6Page - Samsung semiconductor KM68V1000BLTI-10L Datasheet HTML 7Page - Samsung semiconductor KM68V1000BLTI-10L Datasheet HTML 8Page - Samsung semiconductor KM68V1000BLTI-10L Datasheet HTML 9Page - Samsung semiconductor KM68V1000BLTI-10L Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
KM68V1000B, KM68U1000B Family
CMOS SRAM
Revision 2.0
March 1998
PACKAGE DIMENSIONS
Units : millimeter(inch)
32 PIN PLASTIC SMALL OUTLINE PACKAGE (525mil)
0~8
°
#32
20.47
±0.20
0.806
±0.008
MAX
20.87
0.822
MAX
2.74
±0.20
0.108
±0.008
3.00
0.118
MIN
0.002
0.05
0.004 MAX
0.10 MAX
#1
0.71
(
)
0.028
11.43
±0.20
0.450
±0.008
0.80
±0.20
0.031
±0.008
+0.10
0.20 -0.05
+0.004
0.008-0.002
14.12
±0.30
0.556
±0.012
#17
#16
1.27
0.050
+0.100
0.41
-0.050
+0.004
0.016
-0.002


Similar Part No. - KM68V1000BLTI-10L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM68V1000C SAMSUNG-KM68V1000C Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
More results

Similar Description - KM68V1000BLTI-10L

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62WV1288DALL ISSI-IS62WV1288DALL Datasheet
468Kb / 16P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816ALL ISSI-IS62WV12816ALL Datasheet
112Kb / 17P
   128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM
IS65WV12816ALL ISSI-IS65WV12816ALL Datasheet
133Kb / 19P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62LV12816L ICSI-IS62LV12816L Datasheet
462Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816DALL ISSI-IS62WV12816DALL Datasheet
429Kb / 17P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62LV12816L ICSI-IC62LV12816L Datasheet
139Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com