Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM128L08T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EM128L08T
Description  128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM128L08T Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EM128L08T Datasheet HTML 1Page - List of Unclassifed Manufacturers EM128L08T Datasheet HTML 2Page - List of Unclassifed Manufacturers EM128L08T Datasheet HTML 3Page - List of Unclassifed Manufacturers EM128L08T Datasheet HTML 4Page - List of Unclassifed Manufacturers EM128L08T Datasheet HTML 5Page - List of Unclassifed Manufacturers EM128L08T Datasheet HTML 6Page - List of Unclassifed Manufacturers EM128L08T Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Stock No. 23033-A
Advance Information - Subject to Change Without Notice
2
EM128L08
NanoAmp Solutions, Inc.
Advance Information
FIGURE 1: Pin Configuration
FIGURE 2: Functional Block Diagram
TABLE 1: Pin Description
TABLE 2: Functional Description
*The device will consume active power in this mode whenever addresses are changed
Pin Name
Pin Function
Pin Name
Pin Function
A0-A16
Address Inputs
WE
Write Enable (Active Low)
D0-D7
Data Inputs/Outputs
VCC
Power
CE
Chip Enable (Active Low)
VSS
Ground
OE
Output Enable (Active Low)
NC
Not Connected (Do not connect signal)
CE1
CE2
WE
OE
D0-D7
MODE
POWER
H
X
X
X
High Z
Standby
Standby
X
L
X
X
High Z
Standby
Standby
L
H
L
X
Data In
Write
Active -> Standby*
L
H
H
L
Data Out
Read
Active -> Standby*
L
H
H
H
High Z
Active
Standby*
EM128L08
STSOP, TSOP
2
3
4
5
1
6
7
8
9
10
11
12
13
14
15
16
23
18
17
22
21
20
19
27
26
25
24
31
30
29
28
32
A11
A9
A8
A13
WE
A15
VCC
NC
A16
A14
A12
A7
A6
A5
A4
A2
A10
CE
VSS
A3
A1
A0
D0
D1
D2
D3
D4
D5
D6
D7
OE
CE2
Control
Logic
128K x 8
RAM Array
Address
Decode
Logic
Address
Inputs
A0 - A16
CE
WE
OE
Input/
Output
Mux
and
Buffers
Data I/O
D0 - D7


Similar Part No. - EM128L08T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM128C08 ETC1-EM128C08 Datasheet
61Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
EM128C08B ETC1-EM128C08B Datasheet
61Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
EM128C08B-10 ETC1-EM128C08B-10 Datasheet
61Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
EM128C08N ETC1-EM128C08N Datasheet
61Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
EM128C08N-10 ETC1-EM128C08N-10 Datasheet
61Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
More results

Similar Description - EM128L08T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM128C08 ETC1-EM128C08 Datasheet
61Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6T1008C2E-TF70T00 SAMSUNG-K6T1008C2E-TF70T00 Datasheet
193Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D SAMSUNG-K6X1008C2D Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008T2D SAMSUNG-K6X1008T2D Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
logo
NanoAmp Solutions, Inc.
ES62UL256 NANOAMP-ES62UL256 Datasheet
57Kb / 6P
   32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Samsung semiconductor
KM681000E SAMSUNG-KM681000E Datasheet
123Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
logo
List of Unclassifed Man...
EM512D16 ETC1-EM512D16 Datasheet
54Kb / 9P
   512K x 16 bit Ultra-Low Power Asynchronous Static RAM
logo
NanoAmp Solutions, Inc.
N01M0818L1A NANOAMP-N01M0818L1A Datasheet
228Kb / 9P
   1Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 128Kx8 bit
logo
List of Unclassifed Man...
T68K1M ETC2-T68K1M Datasheet
146Kb / 14P
   Low Power 1M (128Kx8)-Bits Static RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com