Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM39LV040 Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM39LV040
Description  4M (512Kx8) Bits Flash Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM39LV040 Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM39LV040 Datasheet HTML 3Page - ELAN Microelectronics Corp EM39LV040 Datasheet HTML 4Page - ELAN Microelectronics Corp EM39LV040 Datasheet HTML 5Page - ELAN Microelectronics Corp EM39LV040 Datasheet HTML 6Page - ELAN Microelectronics Corp EM39LV040 Datasheet HTML 7Page - ELAN Microelectronics Corp EM39LV040 Datasheet HTML 8Page - ELAN Microelectronics Corp EM39LV040 Datasheet HTML 9Page - ELAN Microelectronics Corp EM39LV040 Datasheet HTML 10Page - ELAN Microelectronics Corp EM39LV040 Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
EM39LV040
4M (512Kx8) Bits Flash Memory
SPECIFICATION
Hardware Data Protection
Noise/Glitch Protection:
A WE# or CE# pulse of less than 5 ns will not initiate a
write cycle.
VDD Power Up/Down Detection:
The Write operation is inhibited when VDD is less than
1.5V.
Write Inhibit Mode:
Forcing OE# Low, CE# High, or WE# High will inhibit the
Write operation. This prevents inadvertent write during
power-up or power-down.
Software Data Protection (SDP)
The EM39LV040 provides the JEDEC approved Software Data Protection (SDP) scheme for
Program and Erase operations. Any Program operation requires the inclusion of the
three-byte sequence. The three-byte load sequence is used to initiate the Program operation,
providing optimal protection from inadvertent Write operations, especially during the system
power-up or power-down transition. Any Erase operation requires the inclusion of six-byte
sequence. See Table 3 below for the specific software command codes. During SDP
command sequence, invalid commands will abort the device to Read mode within TRC.
Software Command Sequence
1st Bus
Write Cycle
2nd Bus
Write Cycle
3rd Bus
Write Cycle
4th Bus
Write Cycle
5th Bus
Write Cycle
6th Bus
Write Cycle
Command
Sequence
Addr
1
Data
Addr
1
Data
Addr
1
Data
Addr
1
Data
Addr
1
Data
Addr
1
Data
Byte Program
5555H
AAH
2AAAH
55H
5555H
A0H
BA
2
Data
Sector Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
SAX
3
30H
Chip Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
5555H
10H
Software ID
Entry
4
5555H
AAH
2AAAH
55H
5555H
90H
Manufacture ID
5555H
AAH
2AAAH
55H
5555H
90H
0000H
7FH
Manufacture ID
5555H
AAH
2AAAH
55H
5555H
90H
0003H
7FH
Manufacture ID
5555H
AAH
2AAAH
55H
5555H
90H
0040H
1FH
Device ID
5555H
AAH
2AAAH
55H
5555H
90H
0001H
29FH
Software ID Exit
5
XXH
F0H
Software ID Exit
5
5555H
AAH
2AAAH
55H
5555H
F0H
Notes:
1. Address format A18-A0 (Hex) & Address A16 can be VIL or VIH, (but no other value) for the Command sequence.
2. BA = Program byte address.
3. SAX for Sector-Erase; uses A19-A12 address lines.
4. The device does not remain in Software Product ID mode if powered down (see Figure 9 for more information).
5. Both Software ID Exit operations are equivalent.
Table 3: Software Command Sequence
This specification is subject to change without further notice. (07.22.2004 V1.0)
Page 7 of 21


Similar Part No. - EM39LV040

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM39LV010 EMC-EM39LV010 Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RD EMC-EM39LV010-45RD Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RH EMC-EM39LV010-45RH Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RL EMC-EM39LV010-45RL Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RM EMC-EM39LV010-45RM Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
More results

Similar Description - EM39LV040

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F004T MCNIX-MX29F004T Datasheet
587Kb / 39P
   4M-BIT [512KX8] CMOS FLASH MEMORY
MX29F400T MCNIX-MX29F400T Datasheet
710Kb / 44P
   4M-BIT [512Kx8/256Kx16] CMOS FLASH MEMORY
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F040 MCNIX-MX29F040 Datasheet
592Kb / 40P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
logo
Sharp Corporation
LHF40V11 SHARP-LHF40V11 Datasheet
1Mb / 47P
   4M Flash Memory
LHF40V01 SHARP-LHF40V01 Datasheet
1Mb / 48P
   4M Flash Memory
LHF40V21 SHARP-LHF40V21 Datasheet
1Mb / 53P
   4M Flash Memory
LHF40V13 SHARP-LHF40V13 Datasheet
1Mb / 48P
   4M Flash Memory
LH28F400SUHN SHARP-LH28F400SUHN Datasheet
2Mb / 46P
   4M Flash Memory
logo
Toshiba Semiconductor
TC58FVT321-70 TOSHIBA-TC58FVT321-70 Datasheet
555Kb / 48P
   32-MBIT (4M 횞 8 BITS / 2M 횞 16 BITS) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com