Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9209 Datasheet(PDF) 8 Page - OKI electronic componets

Part # ML9209
Description  Vacuum fluorescent display tube controller driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9209 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button ML9209 Datasheet HTML 4Page - OKI electronic componets ML9209 Datasheet HTML 5Page - OKI electronic componets ML9209 Datasheet HTML 6Page - OKI electronic componets ML9209 Datasheet HTML 7Page - OKI electronic componets ML9209 Datasheet HTML 8Page - OKI electronic componets ML9209 Datasheet HTML 9Page - OKI electronic componets ML9209 Datasheet HTML 10Page - OKI electronic componets ML9209 Datasheet HTML 11Page - OKI electronic componets ML9209 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
FEDL9209-01
OKI Semiconductor
ML9209-xx
8/29
AC Characteristics-1
(VDD = 5.0 V
±10%, VFL = VDD – 42 V, Ta = –40 to +85°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Max.
Unit
CP Frequency
fC
2.0
MHz
CP Pulse Width
tCW
250
ns
DA Setup Time
tDS
250
ns
DA Hold Time
tDH
250
ns
CS Setup Time
tCSS
250
ns
CS Hold Time
tCSH
R1 = 8.2 k
Ω±5%, C1 = 82 pF±5%
16
µs
CS Wait Time
tCSW
250
ns
Data Processing Time
tDOFF
R1 = 8.2 k
Ω±5%, C1 = 82 pF±5%
8
µs
RESET Pulse Width
tWRES
250
ns
RESET Time
tRSON
250
ns
DA Wait Time
tRSOFF
250
ns
tR
tR = 20 to 80%
2.0
µs
All Driver Output Slew
Rate
tF
Cl = 100 pF
tF = 80 to 20%
2.0
µs
AC Characteristics-2
(VDD = 3.3 V
±10%, VFL = VDD – 42 V, Ta = –40 to +85°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Max.
Unit
CP Frequency
fC
2.0
MHz
CP Pulse Width
tCW
250
ns
DA Setup Time
tDS
250
ns
DA Hold Time
tDH
250
ns
CS Setup Time
tCSS
250
ns
CS Hold Time
tCSH
R1 = 6.8 k
Ω±5%, C1 = 82 pF±5%
16
µs
CS Wait Time
tCSW
250
ns
Data Processing Time
tDOFF
R1 = 6.8 k
Ω±5%, C1 = 82 pF±5%
8
µs
RESET Pulse Width
tWRES
250
ns
RESET Execution Time
tRSON
250
ns
DA Wait Time
tRSOFF
250
ns
tR
tR = 20 to 80%
2.0
µs
All Driver Output Slew
Rate
tF
Cl = 100 pF
tF = 80 to 20%
2.0
µs


Similar Part No. - ML9209

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML9209 LAPIS-ML9209 Datasheet
263Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9209-01 ETC2-ML9209-01 Datasheet
437Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
OKI electronic componet...
ML9209-XX OKI-ML9209-XX Datasheet
383Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9209-XX ETC2-ML9209-XX Datasheet
437Kb / 29P
   Vacuum fluorescent display tube controller driver
More results

Similar Description - ML9209

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML9289 LAPIS-ML9289 Datasheet
298Kb / 31P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9289-01 ETC2-ML9289-01 Datasheet
471Kb / 31P
   Vacuum fluorescent display tube controller driver
FEDL9209-01 ETC2-FEDL9209-01 Datasheet
263Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
OKI electronic componet...
ML9209-XX OKI-ML9209-XX Datasheet
383Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9286-03 ETC2-ML9286-03 Datasheet
425Kb / 37P
   Vacuum fluorescent display tube controller driver
ML9209-01 ETC2-ML9209-01 Datasheet
437Kb / 29P
   Vacuum fluorescent display tube controller driver
ML9209-XX ETC2-ML9209-XX Datasheet
437Kb / 29P
   Vacuum fluorescent display tube controller driver
ML9289-XX ETC2-ML9289-XX Datasheet
471Kb / 31P
   Vacuum fluorescent display tube controller driver
ML9286-XX ETC2-ML9286-XX Datasheet
425Kb / 37P
   Vacuum fluorescent display tube controller driver
FEDL9286-03 ETC2-FEDL9286-03 Datasheet
388Kb / 37P
   Vacuum fluorescent display tube controller driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com