Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ML9209 Datasheet(PDF) 5 Page - OKI electronic componets

Part No. ML9209
Description  Vacuum fluorescent display tube controller driver
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

 
 5 page
background image
FEDL9209-01
OKI Semiconductor
ML9209-xx
5/29
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Supply Voltage (1)
VDD
–0.3 to +6.5
V
Supply Voltage (2)
VFL
VDD – 45
V
Input Voltage
VlN
–0.3 to VDD+0.3
V
Power Dissipation
PD
Ta
≥ 25°C
541
mW
Storage
Temperature
TSTG
–55 to +150
°C
lO1
COM1–16
–40 to 0.0
mA
lO2
AD1–2
–20 to 0.0
mA
Output Current
IO3
SEG1–16
–10 to 0.0
mA
RECOMMENDED OPERATING CONDITIONS-1
• When the unit power supply voltage is 5.0 V (typ.)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage (1)
VDD
4.5
5.0
5.5
V
Supply Voltage (2)
VFL
VDD –42
VDD–20
V
High Level Input Voltage
VIH
All input pins except OSC0
0.7 VDD
V
Low Level Input Voltage
VIL
All input pins except OSC0
0.3 VDD
V
CP frequency
fC
2.0
MHz
Self-oscillation frequency
fOSC
R1 = 8.2 k
Ω±5%, C1 = 82 pF±5%
1.4
2.0
2.6
MHz
Frame Frequency
fFR
DIGIT = 1 to16, R1 = 8.2 k
Ω±5%,
C1 = 82 pF
±5%
170
244
318
Hz
Operating Temperature
Top
–40
85
°C
RECOMMENDED OPERATING CONDITIONS-2
• When the unit power supply voltage is 3.3 V (typ.)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage (1)
VDD
3.0
3.3
3.6
V
Supply Voltage (2)
VFL
VDD–42
VDD–20
V
High Level Input Voltage
VIH
All input pins except OSC0
0.8 VDD
V
Low Level Input Voltage
VIL
All input pins except OSC0
0.2 VDD
V
CP frequency
fC
2.0
MHz
Self-oscillation frequency
fOSC
R1 = 6.8 k
Ω±5%, C1 = 82 pF±5%
1.4
2.0
2.6
MHz
Frame Frequency
fFR
DIGIT = 1 to 16,
R1 = 6.8 k
Ω±5%, C1 = 82 pF±5%
170
244
318
Hz
Operating Temperature
Top
–40
85
°C




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSC1162A40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1 2 3 4 5 MoreOKI electronic componets
ML9261A60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1 2 3 4 5 MoreOKI electronic componets
MSC120942-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function 1 2 3 4 5 MoreOKI electronic componets
MSM9201-01Fluorescent Display Tube Controller Driver 1 2 3 4 5 MoreOKI electronic componets
CS1087Vacuum Fluorescent Display Tube Driver 1 2 3 4 5 MoreON Semiconductor
CS1089Vacuum Fluorescent Display Tube Driver 1 2 3 4 5 MoreON Semiconductor
ML926160-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1 2 3 4 5 MoreOKI electronic componets
BA6803SFluorescent display tube level meter driver 16-point x 2 channel VU scale bar display 1 2 3 4 5 MoreRohm
DS8881Vacuum Fluorescent Display Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
BA6810FFluorescent display tube level meter driver 12-point x 2 channel VU scale bar display 1 2 3 4 5 MoreRohm

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl