Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL440-4X009 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL440-4X009
Description  Optocoupler, Pgototriac Output, Low Input Current
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL440-4X009 Datasheet(HTML) 2 Page - Vishay Siliconix

  IL440-4X009 Datasheet HTML 1Page - Vishay Siliconix IL440-4X009 Datasheet HTML 2Page - Vishay Siliconix IL440-4X009 Datasheet HTML 3Page - Vishay Siliconix IL440-4X009 Datasheet HTML 4Page - Vishay Siliconix IL440-4X009 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 83631
Rev. 1.5, 26-Oct-04
VISHAY
IL440
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Output
Coupler
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
5.0
V
Forward current
IF
60
mA
Surge current
P.W. < 10
µsI
FSM
3.0
A
Power dissipation
Pdiss
100
mW
Junction temperature
Tj
100
°C
Parameter
Test condition
Part
Symbol
Value
Unit
Peak off-state voltage
IL440-1
VDRM
600
V
IL440-2
VDRM
600
V
IL440-3
VDRM
600
V
IL440-4
VDRM
400
V
IL440-5
VDRM
400
V
IL440-6
VDRM
400
V
On-state RMS current
ID(RMS)
100
mA
Peak surge current
tp ≤ 10 ms
IFSM
1.2
A
Peak on-state current
tp/T = 0.01 ≤ 100 µsIDRM
2.0
A
Power dissipation
Pdiss
300
mW
Junction temperature
Tj
125
°C
Parameter
Test condition
Symbol
Value
Unit
Isolation voltage, 1.0 sec., per
Standard Climate 23 °C/50 %
RH, DIN 50014
VISO
5300
VRMS
Creepage
≥ 7.0
mm
Clearance
≥ 7.0
mm
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Total power dissipation
Ptot
330
mW
Storage temperature range
Tstg
- 55 to + 125
°C
Ambient temperature
Tamb
- 40 to + 100
°C
Junction temperature
Tj
100
°C
Lead soldering temperature
2.0 mm from case, t < 10 s
Tsld
260
°C


Similar Part No. - IL440-4X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL440-4X009 VISHAY-IL440-4X009 Datasheet
108Kb / 6P
   Optocoupler, Phototriac Output, Low Input Current
Rev. 1.6, 18-Jan-08
More results

Similar Description - IL440-4X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6186 VISHAY-SFH6186 Datasheet
235Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.5, 20-Apr-04
SFH6186-3T VISHAY-SFH6186-3T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH618A VISHAY-SFH618A_15 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.6, 31-Aug-15
VO610A VISHAY-VO610A_V02 Datasheet
177Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
01-Jan-2023
SFH6186-3X001 VISHAY-SFH6186-3X001 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH6186-2T VISHAY-SFH6186-2T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
VO610A VISHAY-VO610A Datasheet
175Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
Rev. 1.7, 18-Feb-13
SFH6186-3X001T VISHAY-SFH6186-3X001T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH618A VISHAY-SFH618A_V02 Datasheet
242Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current
01-Jan-2023
SFH6186-5T VISHAY-SFH6186-5T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com