Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL440-3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IL440-3
Description  Optocoupler, Pgototriac Output, Low Input Current
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL440-3 Datasheet(HTML) 1 Page - Vishay Siliconix

  IL440-3 Datasheet HTML 1Page - Vishay Siliconix IL440-3 Datasheet HTML 2Page - Vishay Siliconix IL440-3 Datasheet HTML 3Page - Vishay Siliconix IL440-3 Datasheet HTML 4Page - Vishay Siliconix IL440-3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VISHAY
IL440
Document Number 83631
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
1
i179035
1
2
3
6
5
4
MT2
MT1
NC
A
C
NC
Pb
Pb-free
e3
Optocoupler, Phototriac Output, Low Input Current
Features
• 400 and 600 V Blocking Voltage
• 5.0 mA Maximum Trigger Current
• Isolation Test Voltage, 5300 VRMS, t = 1.0 sec.
• Isolation Materials per UL94
• Pin Compatible with Optocouplers
IL440-1 MOC 3051
IL440-2 MOC 3052
IL440-3 MOC3053
IL440-4 MOC 3021
IL440-5 MOC 3022
IL440-6 MOC 3023
• Lead-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Agency Approvals
• UL1577, File No. E52744 System Code H or J,
Double Protection
• CSA 93751
• DIN EN 60747-5-2 (VDE0884)
DIN EN 60747-5-5 pending
Available with Option 1
• BABT/ BSI IEC60950 IEC60065
Applications
High Current Triac Driver
Solid State Relay
Switch Small AC Loads
Description
The IL440 consists of a GaAs infrared emitter opti-
cally coupled to a silicon planar triac chip with a non-
zero crossing network. The two semiconductors are
assembled in a 6 pin dual-in-line plastic package. The
output detector IL440-1, 2, 3 is capable of blocking up
to 600 volts which permits control of off-line voltages
up to 240 VAC. The IL440 can handle currents up to
100 mA RMS.
Order Information
For additional information on the available options refer to
Option Information.
Part
Remarks
IL440-1
15 mA IFT, 600 V VDRM, DIP-6
IL440-2
10 mA IFT, 600 V VDRM, DIP-6
IL440-3
5.0 mA IFT, 600 V VDRM, DIP-6
IL440-4
15 mA IFT, 400 V VDRM, DIP-6
IL440-5
10 mA IFT, 400 V VDRM, DIP-6
IL440-6
5.0 mA IFT, 400 V VDRM, DIP-6
IL440-1X009
15 mA IFT, 600 V VDRM, SMD-6 (option 9)
IL440-2X006
10 mA IFT, 600 V VDRM, DIP-6 400 mil
(option 6)
IL440-3X007
5.0 mA IFT, 600 V VDRM, SMD-6 (option 7)
IL440-3X009
5.0 mA IFT, 600 V VDRM, SMD-6 (option 9)
IL440-4X007
15 mA IFT, 400 V VDRM, SMD-6 (option 7)
IL440-4X009
15 mA IFT, 400 V VDRM, SMD-6 (option 9)
IL440-5X006
10 mA IFT, 400 V VDRM, DIP-6 400 mil
(option 6)
IL440-5X009
10 mA IFT, 400 V VDRM, SMD-6 (option 9)
IL440-6X006
5.0 mA IFT, 400 V VDRM, DIP-6 400 mil
(option 6)
IL440-6X007
5.0 mA IFT, 400 V VDRM, SMD-6 (option 7)
IL440-6X009
5.0 mA IFT, 400 V VDRM, SMD-6 (option 9)


Similar Part No. - IL440-3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL440-4 VISHAY-IL440-4 Datasheet
108Kb / 6P
   Optocoupler, Phototriac Output, Low Input Current
Rev. 1.6, 18-Jan-08
IL440-4X007 VISHAY-IL440-4X007 Datasheet
108Kb / 6P
   Optocoupler, Phototriac Output, Low Input Current
Rev. 1.6, 18-Jan-08
IL440-4X009 VISHAY-IL440-4X009 Datasheet
108Kb / 6P
   Optocoupler, Phototriac Output, Low Input Current
Rev. 1.6, 18-Jan-08
IL440-5 VISHAY-IL440-5 Datasheet
108Kb / 6P
   Optocoupler, Phototriac Output, Low Input Current
Rev. 1.6, 18-Jan-08
IL440-5X006 VISHAY-IL440-5X006 Datasheet
108Kb / 6P
   Optocoupler, Phototriac Output, Low Input Current
Rev. 1.6, 18-Jan-08
More results

Similar Description - IL440-3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6186 VISHAY-SFH6186 Datasheet
235Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.5, 20-Apr-04
SFH6186-3T VISHAY-SFH6186-3T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH618A VISHAY-SFH618A_15 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.6, 31-Aug-15
VO610A VISHAY-VO610A_V02 Datasheet
177Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
01-Jan-2023
SFH6186-3X001 VISHAY-SFH6186-3X001 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH6186-2T VISHAY-SFH6186-2T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
VO610A VISHAY-VO610A Datasheet
175Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
Rev. 1.7, 18-Feb-13
SFH6186-3X001T VISHAY-SFH6186-3X001T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH618A VISHAY-SFH618A_V02 Datasheet
242Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current
01-Jan-2023
SFH6186-5T VISHAY-SFH6186-5T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com