Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS75218QPWPRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS75218QPWPRQ1
Description  POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75218QPWPRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS75218QPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS75218QPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS75218QPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS75218QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS75218QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS75218QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS75218QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS75218QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS75218QPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TPS75201-Q1, TPS75215-Q1, TPS75218-Q1, TPS75225-Q1, TPS75233-Q1 WITH RESET
TPS75401-Q1, ’75415-Q1, ’75418-Q1, ’75425-Q1, ’75433-Q1 WITH POWER GOOD
FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
SGLS166 – APRIL 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TJ – Junction Temperature – °C
–40
10
110
60
TPS75x33
DROPOUT VOLTAGE
vs
JUNCTION TEMPERATURE
300
160
250
200
150
100
50
0
IO = 0.5 A
IO = 1.5 A
IO = 2 A
t – Time – ms
TPS75x33
LOAD TRANSIENT RESPONSE
–150
3
2
14
5
7
68
9
10
0
0
0
50
–50
IL=2 A
CL=100 µF (Tantalum)
VO=3.3 V
–100
2
1
description (continued)
The TPS754xx has a power good terminal (PG) as an active high, open drain output, which can be used to
implement a power-on reset or a low-battery indicator.
The TPS752xx or the TPS754xx are offered in 1.5-V, 1.8-V, 2.5-V, and 3.3-V fixed-voltage versions and in an
adjustable version (programmable over the range of 1.5 V to 5 V). Output voltage tolerance is specified as a
maximum of 2% over line, load, and temperature ranges. The TPS752xx and the TPS754xx families are available
in 20 pin TSSOP (PWP) packages.
AVAILABLE OPTIONS/ORDERING INFORMATION†
TJ
OUTPUT VOLTAGE
TSSOP (PWP)
TJ
OUTPUT VOLTAGE
(TYP)
RESET
PG
3.3 V
TPS75233QPWPQ1
TPS75433QPWPQ1‡
2.5 V
TPS75225QPWPQ1
TPS75425QPWPQ1‡
– 40
°C to 125°C
1.8 V
TPS75218QPWPQ1
TPS75418QPWPQ1‡
40 C to 125 C
1.5 V
TPS75215QPWPQ1
TPS75415QPWPQ1‡
Adjustable 1.5 V to 5 V
TPS75201QPWPQ1
TPS75401QPWPQ1‡
† The TPS75x01 is programmable using an external resistor divider (see application information). The
PWP package is available taped and reeled. Add an R suffix to the device type (e.g.,
TPS75201QPWPRQ1) to indicate tape and reel.
‡ Product preview


Similar Part No. - TPS75218QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75218QPWPRQ1 TI1-TPS75218QPWPRQ1 Datasheet
1Mb / 35P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75218QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI1-TPS75201-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75925 TI1-TPS75925_13 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75901 TI-TPS75901 Datasheet
459Kb / 25P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75933KTT TI-TPS75933KTT Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75901 TI1-TPS75901_16 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201Q TI-TPS75201Q Datasheet
379Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS752XXQ TI-TPS752XXQ Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com