Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-B04E-ML000 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HDSP-B04E-ML000
Description  18:88 and 88:88 0.56 Four Digit GaP HER Seven Segment Display
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-B04E-ML000 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  HDSP-B04E-ML000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-B04E-ML000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-B04E-ML000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-B04E-ML000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-B04E-ML000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-B04E-ML000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-B04E-ML000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-B04E-ML000 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Absolute Maximum Ratings
Description
HER
Units
Average Power per Segment or DP
65
mW
Peak Forward Current per Segment or DP
100
mA
DC Forward Current per Segment or DP
25
mA
Operating Temperature Range
–40 to +105
˚C
Storage Temperature Range
–40 to +105
˚C
Reverse Voltage per Segment or DP
5
V
Wavesoldering Temperature for 3 seconds 1.59 mm below body
250
˚C
Note:
1. Derate above 40˚C at 0.33 mA/˚C for HER.
Electrical/Optical Characteristics at TA = 25˚C
Device Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity/Segment
IV
3200
5500
µcd
IF = 10 mA
(Digit Average)
Forward Voltage/Segment
VF
2.05
2.60
V
IF = 20 mA
or DP
Peak Wavelength
λPEAK
632
nm
IF = 20 mA
Dominant Wavelength
λd
622
nm
IF = 20 mA
Luminous Intensity
IV-M
2:1
IF = 10 mA
Matching Ratio
Reverse Current
IR
100
µAVR = 5 V
Notes:
1. Typical specification for reference only. Do not exceed absolute maximum ratings.
2. The dominant wavelength,
λd, is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of the device.
B01E
B02E
B03E
B04E
Intensity Bin Limits (Tolerance
± 10%)
Rank
Symbol
Condition
Min.
Max.
Unit
LIV
IF = 10 mA
3200
5050
µcd
MIV
IF = 10 mA
5050
8000
µcd


Similar Part No. - HDSP-B04E-ML000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B04E AVAGO-HDSP-B04E Datasheet
189Kb / 8P
   18:88 and 88:88 0.56" Four Digit GaP HER Seven Segment Display
More results

Similar Description - HDSP-B04E-ML000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B0XE AVAGO-HDSP-B0XE Datasheet
189Kb / 8P
   18:88 and 88:88 0.56" Four Digit GaP HER Seven Segment Display
HDSP-B08G AVAGO-HDSP-B08G Datasheet
366Kb / 8P
   18:88 and 88:88 0.56" Four Digit GaP Green Seven Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-B0XG HP-HDSP-B0XG Datasheet
356Kb / 8P
   18:88 and 88:88 0.56 Four Digit GaP Green Seven Segment Display
logo
Broadcom Corporation.
HDSP-B0XG BOARDCOM-HDSP-B0XG Datasheet
366Kb / 8P
   18:88 and 88:88 0.56" Four Digit GaP Green Seven Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B0XG AVAGO-HDSP-B0XG Datasheet
366Kb / 8P
   18:88 and 88:88 0.56" Four Digit GaP Green Seven Segment Display
HDSP-B42G AVAGO-HDSP-B42G Datasheet
176Kb / 4P
   18:88 0.56" Four Digit Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-B42G HP-HDSP-B42G Datasheet
347Kb / 4P
   18:88 0.56 Four Digit Seven Segment Displays
logo
BetLux Electronics
BL-Q56A-42 BETLUX-BL-Q56A-42 Datasheet
322Kb / 5P
   14.20mm (0.56) Four digit and Over Seven Segment LED display series
BL-Q56A-43 BETLUX-BL-Q56A-43 Datasheet
324Kb / 5P
   14.20mm (0.56) Four digit and Over Seven Segment LED display series
BL-Q56A-45 BETLUX-BL-Q56A-45 Datasheet
342Kb / 5P
   14.20mm (0.56) Four digit and Over Seven Segment LED display series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com